Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9421 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9421
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9421 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9421 Datasheet HTML 3Page - STMicroelectronics STV9421 Datasheet HTML 4Page - STMicroelectronics STV9421 Datasheet HTML 5Page - STMicroelectronics STV9421 Datasheet HTML 6Page - STMicroelectronics STV9421 Datasheet HTML 7Page - STMicroelectronics STV9421 Datasheet HTML 8Page - STMicroelectronics STV9421 Datasheet HTML 9Page - STMicroelectronics STV9421 Datasheet HTML 10Page - STMicroelectronics STV9421 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FUNCTIONAL DESCRIPTION (continued)
I.3 - Addressing Space
STV9420/21registers, RAM and ROM are mapped
in a 16Kbytes addressing space. The mapping is
the following :
0000
Descriptors character
codes user definable
characters
1024 bytes
RAM
03FF
0400
Empty
Space
1FFF
2000
Character
Generator
ROM
32FF
3300
Empty
Space
3FFF
3FF0
Internal
Registers
3FFF
I.4 - Register Set
LINE DURATION
3FF0
-
-
LD5
LD4
LD3
LD2
LD1
LD0
*
-
-
11111
1
LD[5:0] : LINE DURATION (number of character
period, 1LSB = 12 pixel periods).
HORIZONTAL DELAY
3FF1
DD7 DD6 DD5 DD4 DD3 DD2 DD1 DD0
*
0
0
00100
0
DD[7:0] : HORIZONTAL DISPLAY DELAY from
the H-SYNC reference falling edge to
the 1
st pixel position of the character
strips.
Unit = 3 pixel periods.
CHARACTERS HEIGHT
3FF2
-
-
CH5 CH4 CH3 CH2 CH1 CH0
*
-
-
01001
0
CH[5:0] : HEIGHT of the character strips in scan
lines. For each scan line, the number of
the slice which is displayed is given by :
SLICE-NU MBER
=
round
SCAN
±LINE±NUMBER x 18
CH[5:0]
SCAN-LINE-NUMBER = Number of the current scan
line of the strip.
DISPLAY CONTROL
3FF3
OSD FBK
FL1
FL0
-
P8
P7
P6
*
0
000
-
0
00
OSD
: ON/OFF (if 0, R, G, B and FBLK are 0).
FBK
: Fast blanking control :
= 1 : FBLK = 1, forcing black where
these is no display,
= 0 : FBLK isactive onlyduring
character display.
FL[1:0] : Flashing mode :
- 00 : No flashing. The character
attribute is ignored,
- 01 : 1/1 flashing (a duty cycle = 50%),
- 10 : 1/3 flashing,
- 11 : 3/1 flashing.
P[8:6]
: Address of the 1
st descriptor of the
current displayed pages.
P[13:9] and P[5:0] = 0 ; up to 8 different
pages can be stored in the RAM.
LOCKING CONDITION TIME CONSTANT
3FF4
FR
AS2 AS1 AS0
-
BS2 BS1 BS0
*
0
010
-
0
10
FR
: Free Running ; if = 1 PLL is disabled and
the pixel frequency keeps its last value.
AS[2:0] : Ph a s e co n st a n t d ur i n g l o c ki n g
conditions.
BS[2:0] : Frequency constant during locking
conditions.
CAPTURE PROCESS TIME CONSTANT
3FF5
-
AF2
AF1
AF0
-
BF2
BF1
BF0
*
-
011
-
0
11
AF[2:0] : Phase constant during the capture
process.
BF[2:0] : Frequency constant during the capture
process.
INITIAL PIXEL PERIOD
3FF6
PP7 PP6 PP5 PP4 PP3 PP2 PP1 PP0
*
0
01010
00
PP[7:0] : Value to initialize the pixel period of the
PLL.
FREQUENCY MULTIPLIER
3FF7
-
-
-
-
FM3 FM2 FM1 FM0
*
---
-
1
0
1
0
FM[3:0] : Frequency multiplier of the crystal
frequency to reach the high frequency
used by the PLL to derive the pixel
frequency.
STV9420 - STV9421
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com