Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9421 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV9421
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9421 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV9421 Datasheet HTML 8Page - STMicroelectronics STV9421 Datasheet HTML 9Page - STMicroelectronics STV9421 Datasheet HTML 10Page - STMicroelectronics STV9421 Datasheet HTML 11Page - STMicroelectronics STV9421 Datasheet HTML 12Page - STMicroelectronics STV9421 Datasheet HTML 13Page - STMicroelectronics STV9421 Datasheet HTML 14Page - STMicroelectronics STV9421 Datasheet HTML 15Page - STMicroelectronics STV9421 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OSD PWM1
OSD PWM2
OSD PWM3
OSD PWM4
OSD HS
OSD VS
OSD R
OSD G
OSD B
OSD FBLK
OSD PXCK
OSD B
OSD G
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
11
12
13
14
15
Q1
12MHz
C5
47pF
C4
47pF
OSD PWM4
OSD CKOUT
OSD PXCK
OSD VS
OSD HS
OSD PWM1
OSD FBLK
C3
100nF
VCC
R7
2.2k
Ω
OSD PWM2
OSD SCL
OSD SDA
OSD R
OSD PWM3
S1
VCC
Reset
Button
VCC
R3
2.2k
Ω
R4
2.2k
Ω
V
CC
4
3
2
1
J1
IC
2
1
6
11
2
7
12
3
8
13
4
9
14
5
10
15
VGA1 R
VGA1 G
VGA1 B
J2
to PC
1
6
11
2
7
12
3
8
13
4
9
14
5
10
15
VGA2 R
VGA2 G
VGA2 B
J3
PC mon
1
6
11
2
7
12
3
8
13
4
9
14
5
10
15
VGA3 R
VGA3 G
VGA3 B
J4
APPL mon
V-SYNC
R1
1k
Ω
C1
10
µF
4
5
6
12
13
11 OSD VS
R6
1k
Ω
R5
1k
Ω
H-SYNC
R2
1k
Ω
C2
10
µF
1
2
39
10
8
OSD HS
V
CC
U2A
74HC86
U2C
74HC86
U2D
74HC86
U2B
74HC86
C7
470
µF
C6
100nF
J5
J6
5V POWER SUPPLY
VCC
OSD CKOUT
TP1
TP2
TP3
TP4
TP5
TP6
TP7
TP8
TP9
TP10
TP11
TP12
TP13
TP14
TP15
V
CC
BC547B
T1
R17 10
Ω
R8 82
Ω
R9 75
Ω
R10 3.3k
Ω
R22 1.8k
Ω
D1
1N4148
S2
BC547B
T3
R19 10
Ω
R14 82
Ω
R15 75
Ω
R16 3.3k
Ω
R20 1.8k
Ω
D3
1N4148
S4
BC547B
T2
R18 10
Ω
R11 82
Ω
R12 75
Ω
R13 3.3k
Ω
R21 1.8k
Ω
D2
1N4148
S3
VGA1 R
VGA1 G
VGA1 B
VGA2 R
VGA2 G
VGA2 B
VGA3 R
VGA3 G
VGA3 B
OSD B
OSD G
OSD R
S
T
V
9
4
2
1
A demonstration board is available through your usual SGS-THOMSON Sales Office.
This demonstration board alllows to test very easily the STV9420/21 performances on any personnal computer. The board is delivered
together with a ”page maker” software which allows to easily generate pages of text or graphics on the PC monitor, or on a second monitor.
The I
2C sequences are generated by the PC parallel port and send to the demobaord through an I2C interface which is also delivered
together with demoboard. Of course, a small manual is also inside the kit.
DEMO KIT
STV9420 - STV9421
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com