Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9421 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV9421
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9421 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV9421 Datasheet HTML 4Page - STMicroelectronics STV9421 Datasheet HTML 5Page - STMicroelectronics STV9421 Datasheet HTML 6Page - STMicroelectronics STV9421 Datasheet HTML 7Page - STMicroelectronics STV9421 Datasheet HTML 8Page - STMicroelectronics STV9421 Datasheet HTML 9Page - STMicroelectronics STV9421 Datasheet HTML 10Page - STMicroelectronics STV9421 Datasheet HTML 11Page - STMicroelectronics STV9421 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FUNCTIONAL DESCRIPTION (continued)
The last fourth registers described below are only
available with the STV9421 :
PULSE WIDTH MODULATOR 1
3FF8
V17
V16
V15
V14
V13
V12
V11
V10
*
0
0
00000
0
V1[7:0] : Digital value of the 1
st PWM D to A
converter (Pin1).
PULSE WIDTH MODULATOR 2
3FF9
V27
V26
V25
V24
V23
V22
V21
V20
*
0
0
00000
0
V2[7:0] : Digital value of the 2
d PWM DAC (Pin11).
PULSE WIDTH MODULATOR 3
3FFA
V37
V36
V35
V34
V33
V32
V31
V30
*
0
0
00000
0
V3[7:0] : Digital value of the 3
rd PWM DAC
(Pin20).
PULSE WIDTH MODULATOR 4
3FFB
V47
V46
V45
V44
V43
V42
V41
V40
*
0
0
00000
0
V4[7:0] : Digital value of the 4
th PWM DAC
(Pin10).
Note : * is power on reset value.
II - Descriptors
SPACING
MSB
0
-----
--
LSB
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
SL[7:0] : The number of the scan lines of the
spacing strip (1 to 255).
CHARACTER
MSB
1
DE
-
ZY
-
-
C9
C8
LSB
C7
C6
C5
C4
C3
C2
C1
0
C[9:0] : The address of the first character code of
the strip (even).
DE
: Display enable :
- DE = 0, R = G = B = 0 and FBLK = FBK
(display control register) on whole strip,
- DE = 1, display of the characters.
ZY
: Zoom, ZY = 1 all the scan lines are
repeated once.
III - Code Format
MSB
SET
CHARACTER NUMBER
LSB
BK3 BK2 BK1 BK0
FL
RF
GF
BF
FL : Flashing attribute (the flashing mode is
defined in the DISPLAY CONTROL register).
SET
: The set CHARACTER NUMBER
- If SET = 0 : ROM character,
-If SET = 1 :
• If CHARACTER NUMBER is 0 to
25, a user redefinable character
(UDC) located in RAM at the
addr es s
equal
t o
:
3 8
x
CHARACTER NUMBER,
• If CHARACTER NUMBER is 26 to
63, space character,
• If CHARACTER NUMBER >63,
end of line.
RF, GF, BF : Foreground color.
BK[3:0]
: Background :
- If BK3 = 0, BK[2:0] = background
color R, G and B,
- If BK3 = 1, shadowing :
• BK2 : vertival shadowing,
• BK1 : horizontal shadowing.
(if BK2 = BK1 = 0, the background is
transparent).
IV - Clock and Timing
The whole timing is derived from the XTALIN and
the SYNCHRO (horizontal and vertival) input fre-
quencies. The XTALIN input frequency can be an
external clock or a crystal signal thanks to
XTALIN/XTALOUT pins. The value of this fre-
quency can be chosen between 8 and 15MHz, it is
available on the CKOUT pin and is used by the PLL
to generate a pixel clock locked on the horizontal
synchro input signal.
IV.1 - Horizontal Timing
The number of pixel periods is given by the LINE
DURATION register and is equal to :
[LD[5:0] + 1 ] x 12
(LD[5:0] : value of the LINE DURATION register).
This value allows to choose the horizontal size of
the characters.
The horizontal left margin is given by the HORI-
ZONTAL DELAY register and is equal to :
[DD[7:0] + 8] x 3 x tPXCK
(DD[7:0] : value of the DISPLAY DELAY register
and TPXCK : pixel period).
This value allows to choose the horizontal position
of the characters on the screen. The value of
DD[7:0] must be equal or greater than 4 (the mini-
mum value of the horizontal delay is 36 x tPXCK =3
character periods). The length of the active area,
where R, G, B are different from 0, depends on the
number of characters of the strips.
STV9420 - STV9421
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com