Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9428 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9428
Description  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9428 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9428 Datasheet HTML 5Page - STMicroelectronics STV9428 Datasheet HTML 6Page - STMicroelectronics STV9428 Datasheet HTML 7Page - STMicroelectronics STV9428 Datasheet HTML 8Page - STMicroelectronics STV9428 Datasheet HTML 9Page - STMicroelectronics STV9428 Datasheet HTML 10Page - STMicroelectronics STV9428 Datasheet HTML 11Page - STMicroelectronics STV9428 Datasheet HTML 12Page - STMicroelectronics STV9428 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CHARACTERS HEIGHT (Reset Value : 24h)
3FF3
-
-
CH5 CH4 CH3 CH2 CH1 CH0
CH[5:0] : HEIGHT of the character strips in scan lines. For
each scan line, the number of the slice which is
displayed is given by :
SLICE-NUMBER =
round
SCAN
−LINE−NUMBER x 18
CH[5:0]
.
SCAN-LINE-NUMBER = Number of the current
scan line of the strip.
DISPLAY CONTROL (Reset Value : 00h)
3FF4 OSD FBK
FL1
FL0
P9
P8
P7
P6
OSD
: ON/OFF (if 0, R, G, B and FBLK outputs are 0).
FBK
: Fast blanking control :
= 1, forces FBLK pin at "1" outside and inside the
OSD area. This leads to blank video RGB and
to only display OSD RGB.
= 0, FBLK pin is driven according character code
for normal display of OSD data.
FL[1:0] : Flashing mode :
- 00 : No flashing.
The character attribute is ignored,
- 01 : Flashing at fF (50% duty cycle),
- 10 : Flashing at 2 fF,
- 11 : Flashing at 4 fF.
Note : fF is 128 time vertical frequency.
P[9:6]
: Address of the 1
st descriptor of the current
displayed pages.
P[13:10] and P[5:0] = 0 ; up to 16 different pages
can be stored in the RAM.
LOCKING CONDITION TIME CONSTANT
(Reset Value : 01h)
3FF5
FR
AS2 AS1 AS0 LUK BS2 BS1 BS0
FR
: Free Running ; if = 1 PLL is disabled and the pixel
frequency keeps its last value.
AS[2:0] : Phase constant during locking conditions.
BS[2:0] : Frequency constant during locking conditions.
LUK
: Lock unlock status bit
0 = unlocked PLL
1 = Locked PLL
CAPTURE PROCESS TIME CONSTANT
(Reset Value : 24h)
3FF6 LEN AF2
AF1
AF0
-
BF2 BF1
BF0
LEN
: Lock enable
0 = R,G,B, FBLK are always enabled,
1 = R,G,B, FBLK are enabled only when PLL is
locked.
AF[2:0] : Phase constant during the capture process.
BF[2:0] : Frequency constant during the capture process.
INITIAL PIXEL PERIOD (Reset Value : 28h)
3FF7 PP7
PP6
PP5
PP4
PP3 PP2 PP1 PP0
PP[7:0] : Value to initialize the pixel period of the PLL.
FREQUENCY MULTIPLIER (Reset Value : 0Ah)
3FF8
----
FM3 FM2 FM1 FM0
FM[3:0] : Frequency multiplier of the crystal frequency to
reach the high frequency used by the PLL to
derive the pixel frequency.
Note : For high pixel frequency (over 70MHz), write at address 3FFF,
Data F0h.
II - Descriptors
SPACING
MSB
0
L/C
------
LSB
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
L/C
: LINE or CHARACTER spacing :
= 0, spacing descriptor defined as character
height (SL[7:0] = 1 to 255 character).
= 1, spacing descriptor defined as scan line
height (SL[7:0] = 1 to 255 scan lines).
SL[7:0] : Number of selected height (character or scan
lines according L/C).
CHARACTER
MSB
1
DE CLU3 CLU2 CLU1 CLU0 C9
C8
LSB
C7
C6
C5C4C3
C2
C1
UEN
DE
: Display enable :
= 0, R = G = B = 0 and FBLK = FBK bit of display
control register on the whole strip,
= 1, display of the characters.
CLU[3:0] : Active color selection at the begining of the
strip.
C[9:1]
: Address of the first character code of the strip.
UEN
: UDC enable
0 : codes 240 to 254 (FOh to FEh) are read in
ROM,
1 : codes 240 to 255 (FOh to FFh) are read in
RAM (UDC).
FUNCTIONAL DESCRIPTION (continued)
STV9427 - STV9428 - STV9429
9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com