Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9428 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9428
Description  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9428 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9428 Datasheet HTML 1Page - STMicroelectronics STV9428 Datasheet HTML 2Page - STMicroelectronics STV9428 Datasheet HTML 3Page - STMicroelectronics STV9428 Datasheet HTML 4Page - STMicroelectronics STV9428 Datasheet HTML 5Page - STMicroelectronics STV9428 Datasheet HTML 6Page - STMicroelectronics STV9428 Datasheet HTML 7Page - STMicroelectronics STV9428 Datasheet HTML 8Page - STMicroelectronics STV9428 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
STV9427
STV9428-STV9429
HIGH SPEED
MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
June 1998
.
CMOS SINGLE CHIP OSD FOR MONITOR
.
BUILT IN 1 KBYTE RAM HOLDING :
- CHARACTER CODES
- USER DEFINABLE CHARACTERS
.
207 ALPHANUMERIC CHARACTERS OR
GRAPHIC SYMBOLS IN INTERNAL ROM
.
12 x 18 CHARACTER DOT MATRIX
.
PROGRAMMABLE ACCENTUATED CHARAC-
TER SET
.
CHARACTER BLINKING
.
RAM DEFINABLE COLOR LOOK UP TABLE
.
UP TO 16 USER DEFINABLE CHARACTERS
.
UP TO 80MHz PIXEL CLOCK
.
INTERNAL HORIZONTAL PLL (15 TO 120kHz)
.
PROGRAMMABLE VERTICAL HEIGHT OF
CHARACTER WITH A SLICE INTERPOLATOR
TO MEET MULTI-SYNCH REQUIREMENTS
.
PROGRAMMABLE VERTICAL AND HORI-
ZONTAL POSITIONING
.
FLEXIBLE SCREEN DESCRIPTION
.
22 CONTROL CODES FOR POWERFULL
SERIAL ATTRIBUTES
.
2-WIRES ASYNCHRONOUS SERIAL MCU
INTERFACE (I
2C PROTOCOL)
.
8 x 8 BITS PWM DAC OUTPUTS
.
SINGLE POSITIVE 5V SUPPLY
DIP16
(Plastic Package)
ORDER CODE : STV9427
DESCRIPTION
The STV9427/28/29 is an ON SCREEN DISPLAY
for monitor. It is built as a slave peripheral con-
nected to a host MCU via a serial I
2C bus. It
includes a display memory, controls all the display
attributes and generates pixels from the data read
in its on chip memory. The line PLL and a special
slice interpolator allow to have a display aspect
which does not depend on the line and frame
frequencies. I
2C interface allows MCU to make
transparent internal access to prepare the next
pages during the display of the current page. Tog-
gle from one page to another by programming only
one register.
DIP24
(Plastic Package)
ORDER CODE : STV9429
8 x 8 bits PWM DAC are available to provide DC
voltage control to other peripherals.
The STV9427/28/29 provides the user an easy to
use and cost effective solution to display alphanu-
meric or graphic information on monitor screen.
DIP20
(Plastic Package)
ORDER CODE : STV9428
1/20


Similar Part No. - STV9428

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9421 STMICROELECTRONICS-STV9421 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9423 STMICROELECTRONICS-STV9423 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9424 STMICROELECTRONICS-STV9424 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
More results

Similar Description - STV9428

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Oct-1995
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
Dec-1997
logo
List of Unclassifed Man...
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
Super On-Screen-Display for LCD Monitor
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
Monitor On-Screen Display
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
On-Screen Display for LCD Monitor
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
Monitor On-Screen Display
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
Monitor on-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com