Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9428 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9428
Description  HIGH SPEED MULTISYNCH ON-SCREEN DISPLAY FOR MONITOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9428 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9428 Datasheet HTML 6Page - STMicroelectronics STV9428 Datasheet HTML 7Page - STMicroelectronics STV9428 Datasheet HTML 8Page - STMicroelectronics STV9428 Datasheet HTML 9Page - STMicroelectronics STV9428 Datasheet HTML 10Page - STMicroelectronics STV9428 Datasheet HTML 11Page - STMicroelectronics STV9428 Datasheet HTML 12Page - STMicroelectronics STV9428 Datasheet HTML 13Page - STMicroelectronics STV9428 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
III - Code Format
The codes of STV9427/28/29 are all single byte
codes. There are basically 3 kinds of code :
- The control codes from 0 to 27 (00h to 1Bh) and
from 224 to 239 (E0h to EFh).
- The ROM character codes from 32 to 223 (20h to
DFh) and from 240 to 255 (F0h to FFh).
- The user definables characters codes from 240
to 254 (F0h to FFh).
Each row must begin with a displayable character
code followed by a NOP or any control code.
For code definition see Table 4.
III.1 - Control Codes
Control codes must be followed by a displayable
code (from 32 to 223), except for RTN & EOL. They
must not be used twice consecutively without a
displayable code between them.
The control code CALL is preceded by an address
byte.
The control codes are not displayed except if men-
tioned.
Code 0 (00h)
: NOP : no operation and no display is
performed, can be used to spare a
location in RAM for an active control
code.
Codes 1 to 7
(01h to 07h)
: SYMETRIES :
TSHS(01) Top Side Horizontal
Symetry code displays the top half
side of the following displayable code
symetricaly to the bottom side.
BSHS(02) Bottom Side Horizontal
Symetry code displays the bottom half
side of the following displayable code
symetricaly to the top side.
HFLIP(03) Horizontal Flip code flips
horizontaly the following displayable
code.
LSVS(04) Left Side Vertical Symetry
code displays the left half side of the
following
displayable
code
symetricaly to the right side.
RSVS(05) Right Side Vertical symetry
code displays the right half side of the
following
displayable
code
symetricaly to the left side.
VFLIP(06) Vertical Flip code flips
verticaly the following displayable
code.
HVFLIP(07) Horizontal & Vertical Flip
code flips horizontaly and verticaly the
following displayable code.
Codes 8 (08h)
(at odd @)
: RTN : return to the CALL + 1 code
location (see Note).
Code 09 to 14
(09h to 0Eh)
: Reserved
Code 15 (0Fh)
: EOL, end of line terminates the
display of the current row.
Codes 16 to 23
(10h to 17h)
: COL0 to COL7 codes select 1 byte
among 8 within the CLUT in RAM. The
block selection is fixed by CLU3 bit of
the active character descriptor (see
Table 1 and Table 2).
Codes 24 to 27
(18h to 19h)
: CALL, these control codes switch the
display of the next character to the
code address given by the next byte
as following :
CALL CODE
(odd @) MSB
000
1100
A9
ADDRESS BYTE
(even @) LSB
A8
A7
A6
A5
A4
A3
A2
A1
A[9:1]
: Address of the next code to be used (A0 = 0 only even
addresses).
Notes :
CALL and RTN code must be used twin. They cannot be nested.
CALL and RTN codes are displayed as a SPACE character.
CALL and RTN codes must be placed at odd addresses. They may
be preceed by a NOP in order to place them at the right position.
Codes 28 to 31
(1Ch to 1Fh)
: Reserved
Code 224 to 239
(E0h to EFh)
: Accent shapes from 224 to 239 (E0h
to EFh) are used combined with all
other character codes 32 to 223 (10h
to DFh) and placed before the target
character.
The first set of accents, 224 to 231 (E0h
to E7h) must be used with lower case
letters. The 5 upper slices of the target
character are replaced by the accent
shape.
The second set of accents, 232 to 239
(E8h to EFh) must be used with the
upper case letters (capital letters). The
3 upper slices of the target character
are replaced by the accent shape.
Accent code must always be followed
by a displayable character or a space.
III.2 - ROM Character Codes
Codes 32 to 223
(20h to DFh) and
Codes 240 to 254
(F0h to FEh)
: ROM
character
shapes
ar e
described as 12x18 pixel matrix as
shown in Table 5.
It comprises 60 logos dedicated for
monitor application (Horizontal
position, keystone, ...), 25 characters
for horizontal bar-graph an d
additional shapes.
FUNCTIONAL DESCRIPTION (continued)
STV9427 - STV9428 - STV9429
10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com