Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BB503C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB503C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button BB503C Datasheet HTML 2Page - Renesas Technology Corp BB503C Datasheet HTML 3Page - Renesas Technology Corp BB503C Datasheet HTML 4Page - Renesas Technology Corp BB503C Datasheet HTML 5Page - Renesas Technology Corp BB503C Datasheet HTML 6Page - Renesas Technology Corp BB503C Datasheet HTML 7Page - Renesas Technology Corp BB503C Datasheet HTML 8Page - Renesas Technology Corp BB503C Datasheet HTML 9Page - Renesas Technology Corp BB503C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BB503C
Rev.5.00 Aug 10, 2005 page 6 of 10
0
1
234
5
30
24
18
12
6
VDS = 5 V
RG = 47 kΩ
f = 1 kHz
0
12
3
4
5
30
24
18
12
6
VDS = 5 V
RG = 68 kΩ
f = 1 kHz
Gate1 Voltage
VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
Gate1 Voltage
VG1 (V)
Forward Transfer Admittance
vs. Gate1 Voltage
VG2S = 1 V
4 V
3 V
2 V
VG2S = 1 V
4 V
3 V
2 V
0
510
15
20
4
3
2
1
0
10
20
50
100
0
5
10
15
20
30
25
20
15
10
5
0
10
100
20
50
30
25
20
15
10
5
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = variable
f = 900 MHz
4
3
2
1
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = variable
f = 900 MHz
VDS = VG1 = 5 V
VG2S = 4 V
f = 900 MHz
Drain Current ID (mA)
Gate Resistance RG (kΩ)
Noise Figure vs. Gate Resistance
Gate Resistance RG (kΩ)
Power Gain vs. Gate Resistance
Drain Current ID (mA)
Power Gain vs. Drain Current
Noise Figure vs. Drain Current
VDS = VG1 = 5 V
VG2S = 4 V
f = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com