Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BB503C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB503C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button BB503C Datasheet HTML 3Page - Renesas Technology Corp BB503C Datasheet HTML 4Page - Renesas Technology Corp BB503C Datasheet HTML 5Page - Renesas Technology Corp BB503C Datasheet HTML 6Page - Renesas Technology Corp BB503C Datasheet HTML 7Page - Renesas Technology Corp BB503C Datasheet HTML 8Page - Renesas Technology Corp BB503C Datasheet HTML 9Page - Renesas Technology Corp BB503C Datasheet HTML 10Page - Renesas Technology Corp BB503C Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BB503C
Rev.5.00 Aug 10, 2005 page 7 of 10
0
1
2
3
4
10
100
20
50
4
3
2
1
0
20
15
10
5
0
25
20
15
10
5
0
1
23
4
VDS = 5 V
RG = 47 kΩ
f = 900 MHz
1
23
4
5
4
3
2
1
VDS = 5 V
RG = 47 kΩ
f = 900 MHz
VDS = 5 V
RG = 47 kΩ
f = 1 MHz
VDS = VG1 = 5 V
VG2S = 4 V
Gate Resistance RG (kΩ)
Power Gain vs.
Gate2 to Source Voltage
Gate2 to Source Voltage VG2S (V)
Drain Current vs. Gate Resistance
Gate2 to Source Voltage VG2S (V)
Gate2 to Source Voltage VG2S (V)
Input Capacitance vs.
Gate2 to Source Voltage
Noise Figure vs.
Gate2 to Source Voltage
4
0
10
20
30
40
50
3
2
1
0
VDS = VG1 = 5 V
VG2S = 4 V
RG = 47 kΩ
Gain Reduction vs.
Gate2 to Source Voltage
Gate2 to Source Voltage VG2S (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com