Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB503C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # BB503C
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB503C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button BB503C Datasheet HTML 3Page - Renesas Technology Corp BB503C Datasheet HTML 4Page - Renesas Technology Corp BB503C Datasheet HTML 5Page - Renesas Technology Corp BB503C Datasheet HTML 6Page - Renesas Technology Corp BB503C Datasheet HTML 7Page - Renesas Technology Corp BB503C Datasheet HTML 8Page - Renesas Technology Corp BB503C Datasheet HTML 9Page - Renesas Technology Corp BB503C Datasheet HTML 10Page - Renesas Technology Corp BB503C Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BB503C
Rev.5.00 Aug 10, 2005 page 9 of 10
S Parameter
(VDS = VG1 = 5V, VG2S = 4V, RG = 47k
Ω, Zo = 50Ω)
S11
S21
S12
S22
f(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
50
0.975
–2.6
2.37
176.1
0.00097
74.4
0.995
–1.9
100
0.977
–6.5
2.37
172.1
0.00162
89.8
0.998
–3.9
150
0.975
–9.1
2.36
168.0
0.00222
78.2
0.997
–5.8
200
0.972
–12.4
2.33
163.8
0.00282
83.8
0.996
–8.0
250
0.968
–15.6
2.32
159.9
0.00388
81.1
0.994
–10.0
300
0.963
–18.9
2.30
156.0
0.00437
76.0
0.993
–11.8
350
0.954
–22.2
2.28
151.8
0.00518
73.6
0.991
–13.9
400
0.946
–25.3
2.25
148.2
0.00567
75.6
0.989
–15.8
450
0.937
–28.2
2.22
144.1
0.00631
72.5
0.986
–17.8
500
0.930
–31.5
2.19
140.2
0.00637
72.7
0.984
–19.6
550
0.920
–34.7
2.16
136.3
0.00720
70.3
0.981
–21.6
600
0.914
–37.4
2.13
132.7
0.00747
67.0
0.978
–23.4
650
0.902
–40.4
2.09
129.3
0.00738
69.2
0.975
–25.4
700
0.886
–43.5
2.07
125.4
0.00758
68.6
0.972
–27.3
750
0.879
–46.1
2.03
122.0
0.00757
66.0
0.968
–29.0
800
0.873
–48.9
1.99
118.3
0.00729
67.5
0.966
–31.0
850
0.857
–52.0
1.96
114.9
0.00723
68.8
0.962
–32.9
900
0.845
–54.5
1.93
111.4
0.00706
68.3
0.959
–34.8
950
0.838
–57.2
1.90
108.1
0.00659
67.5
0.954
–36.6
1000
0.824
–59.6
1.86
104.9
0.00574
71.0
0.952
–38.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com