Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7N1002AB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H7N1002AB
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1002AB Datasheet(HTML) 4 Page - Renesas Technology Corp

  H7N1002AB Datasheet HTML 1Page - Renesas Technology Corp H7N1002AB Datasheet HTML 2Page - Renesas Technology Corp H7N1002AB Datasheet HTML 3Page - Renesas Technology Corp H7N1002AB Datasheet HTML 4Page - Renesas Technology Corp H7N1002AB Datasheet HTML 5Page - Renesas Technology Corp H7N1002AB Datasheet HTML 6Page - Renesas Technology Corp H7N1002AB Datasheet HTML 7Page - Renesas Technology Corp H7N1002AB Datasheet HTML 8Page - Renesas Technology Corp H7N1002AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
H7N1002AB
Rev.2.00, Oct.30.2003, page 4 of 9
Main Characteristics
30
10
3
1
0.3
0.1
0.1
0.3
1
3
10
30
100
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
1
5
0.03
100
Ta = 25
°C
10 V
VGS = 3 V
3.4 V
Tc = 75
°C
25
°C
-25
°C
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
100
µs
1 ms
PW
=
10
ms
(1shot)
DC
Operation
(Tc
=
25
°C)
10
µs
4 V
3.6 V
Operation in
this area is
limited by RDS(on)
2
34
200
150
100
50
0
50
100
150
200
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com