Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7N1002AB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H7N1002AB
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1002AB Datasheet(HTML) 3 Page - Renesas Technology Corp

  H7N1002AB Datasheet HTML 1Page - Renesas Technology Corp H7N1002AB Datasheet HTML 2Page - Renesas Technology Corp H7N1002AB Datasheet HTML 3Page - Renesas Technology Corp H7N1002AB Datasheet HTML 4Page - Renesas Technology Corp H7N1002AB Datasheet HTML 5Page - Renesas Technology Corp H7N1002AB Datasheet HTML 6Page - Renesas Technology Corp H7N1002AB Datasheet HTML 7Page - Renesas Technology Corp H7N1002AB Datasheet HTML 8Page - Renesas Technology Corp H7N1002AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
H7N1002AB
Rev.2.00, Oct.30.2003, page 3 of 9
Electrical Characteristics
(Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
100
—
—
V
ID = 10 mA, VGS = 0
Gate to source breakdown Voltage
V(BR)GSS ±20
—
—
V
IG = ±100
µA, VDS = 0
Gate to source leak current
IGSS
——±10
µAVGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
——10
µAVDS = 100 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.5
—
2.5
V
ID = 1 mA, VDS = 10 V
Note1
Static drain to source on state
RDS(on)
—8
10
m
Ω
ID = 37.5 A, VGS = 10 V
Note1
resistance
—
10
15
m
Ω
ID = 37.5 A, VGS = 4.5 V
Note1
Forward transfer admittance
|yfs|
5795—
S
ID = 37.5 A, VDS = 10 V
Note1
Input capacitance
Ciss
—
9700
—
pF
VDS = 10 V
Output capacitance
Coss
—
740
—
pF
VGS = 0
Reverse transfer capacitance
Crss
—
330
—
pF
f = 1 MHz
Total gate charge
Qg
—
155
—
nc
VDD = 50 V
Gate to source charge
Qgs
—
35
—
nc
VGS = 10 V
Gate to drain charge
Qgd
—
33
—
nc
ID = 75 A
Turn-on delay time
td(on)
—43
—
ns
VGS = 10 V, ID = 37.5 A
Rise time
tr
—
245
—
ns
RL = 0.8
Ω
Turn-off delay time
td(off)
—
130
—
ns
Rg = 4.7
Ω
Fall time
tf
—25
—
ns
Body–drain diode forward voltage
VDF
—0.93
—
V
IF = 75 A, VGS = 0
Body–drain diode reverse recovery
time
trr
—70
—
ns
IF = 75 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 1. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com