Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7N1002AB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H7N1002AB
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N1002AB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H7N1002AB Datasheet HTML 2Page - Renesas Technology Corp H7N1002AB Datasheet HTML 3Page - Renesas Technology Corp H7N1002AB Datasheet HTML 4Page - Renesas Technology Corp H7N1002AB Datasheet HTML 5Page - Renesas Technology Corp H7N1002AB Datasheet HTML 6Page - Renesas Technology Corp H7N1002AB Datasheet HTML 7Page - Renesas Technology Corp H7N1002AB Datasheet HTML 8Page - Renesas Technology Corp H7N1002AB Datasheet HTML 9Page - Renesas Technology Corp H7N1002AB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
H7N1002AB
Rev.2.00, Oct.30.2003, page 6 of 9
010
20
30
40
50
2000
5000
10000
1000
100
200
500
200
160
120
80
40
0
20
16
12
8
4
80
160
240
320
400
0
1000
100
1
10
0.1
0.3
1
3
10
30
100
20
50
20000
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 75 A
VDS
VGS
VDD = 25 V
50 V
80 V
VDD = 80 V
50 V
25 V
r
t
d(on)
t
d(off)
t
t f
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty ≤ 1%
RG = 4.7 Ω
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS
(V)
Dynamic Input Characteristics
Switching Characteristics
Gate Charge Qg (nC)
Drain Current ID (A)
Body-Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR
(A)
0.1
0.3
1
3
10
30
100
1000
100
20
50
200
500
10
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com