Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5KM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR5KM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5KM Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR5KM Datasheet HTML 1Page - Renesas Technology Corp BCR5KM Datasheet HTML 2Page - Renesas Technology Corp BCR5KM Datasheet HTML 3Page - Renesas Technology Corp BCR5KM Datasheet HTML 4Page - Renesas Technology Corp BCR5KM Datasheet HTML 5Page - Renesas Technology Corp BCR5KM Datasheet HTML 6Page - Renesas Technology Corp BCR5KM Datasheet HTML 7Page - Renesas Technology Corp BCR5KM Datasheet HTML 8Page - Renesas Technology Corp BCR5KM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5KM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
Refer to the page 6 as to the product guaranteed
maximum junction temperature 150
°C
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
101 2
102
35 7
2
103
35 7
2
104
35 7
VGT = 1.5V
IGM = 2A
PGM = 3W
PGM = 0.3W
IGT = 15mA
Tj = 25
°C
VGD = 0.2V
VGM = 10V
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
IRGT III
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
102 2
103
35 7
2
104
35 7
2
105
35 7
100
101
2
3
4
5
7
102
2
3
4
5
7
0
0.5
1.0
1.5
2.0
4.0
2.5
3.0
3.5
10–1 2
100
35 7
2
101
35 7
2
102
35 7
23
102
57 103 23 5 7
0
2
4
6
8
10
9
7
5
3
1
0123456789
10
IRGT I
IFGT I
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
CONDUCTION TIME
(CYCLES AT 60Hz)
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CHARACTERISTICS
(
Ι, ΙΙ AND ΙΙΙ)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO AMBIENT)
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
10
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
TYPICAL EXAMPLE
TYPICAL EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com