Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5KM Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # BCR5KM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5KM Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button BCR5KM Datasheet HTML 3Page - Renesas Technology Corp BCR5KM Datasheet HTML 4Page - Renesas Technology Corp BCR5KM Datasheet HTML 5Page - Renesas Technology Corp BCR5KM Datasheet HTML 6Page - Renesas Technology Corp BCR5KM Datasheet HTML 7Page - Renesas Technology Corp BCR5KM Datasheet HTML 8Page - Renesas Technology Corp BCR5KM Datasheet HTML 9Page - Renesas Technology Corp BCR5KM Datasheet HTML 10Page - Renesas Technology Corp BCR5KM Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Mar. 2002
The product guaranteed maximum junction
temperature 150
°C (See warning.)
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5KM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
The product guaranteed maximum junction
temperature 150
°C (See warning.)
160
120
100
60
20
0
8
0
1
357
40
80
140
24
6
160
120
100
60
20
0
8
0
1
357
40
80
140
24
6
60 60 t2.3
120 120 t2.3
100 100 t2.3
160
120
100
60
20
0
3.2
0
0.4
1.2
2.0
2.8
40
80
140
0.8
1.6
2.4
102
7
5
3
2
101
7
5
3
2
4
4
100
–60
–20
20
60
100
140 160
–40
0
40
80
120
103
7
5
3
2
7
5
3
2
7
5
3
2
102
101
100
–60
–20
20
60
100
160
140
–40
0
40
80
120
103
7
5
3
2
102
104
7
5
3
2
105
7
5
3
2
106
7
5
3
2
–60
–20
20
60
100
160
140
–40
0
40
80
120
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALL FINS ARE
BLACK PAINTED
ALUMINUM AND
GREASED
CURVES APPLY
REGARDLESS OF
CONDUCTION ANGLE
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
NATURALCONVECTION
NO FINS,CURVES
APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE
LOADS
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (
°C)
TYPICAL EXAMPLE
JUNCTION TEMPERATURE (
°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
T2
+, G+
T2
– , G–
TYPICAL
EXAMPLE
T2
+, G–
TYPICAL
EXAMPLE
DISTRIBUTION
DISTRIBUTION
TYPICAL
EXAMPLE
VD = 12V
CURVES APPLY
REGARDLESS
OF CONDUCTION
ANGLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com