Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5KM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR5KM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5KM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button BCR5KM Datasheet HTML 3Page - Renesas Technology Corp BCR5KM Datasheet HTML 4Page - Renesas Technology Corp BCR5KM Datasheet HTML 5Page - Renesas Technology Corp BCR5KM Datasheet HTML 6Page - Renesas Technology Corp BCR5KM Datasheet HTML 7Page - Renesas Technology Corp BCR5KM Datasheet HTML 8Page - Renesas Technology Corp BCR5KM Datasheet HTML 9Page - Renesas Technology Corp BCR5KM Datasheet HTML 10Page - Renesas Technology Corp BCR5KM Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5KM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
➁
➀
➂
Measurement point of
case temperature
✽
➀
➁
➂
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
10
± 0.3
2.8
± 0.2
φ 3.2 ± 0.2
1.1
± 0.2
1.1
± 0.2
0.75
± 0.15
2.54
± 0.25
2.54
± 0.25
0.75
± 0.15
➀➁ ➂
E
BCR5KM
OUTLINE DRAWING
Dimensions in mm
TO-220FN
APPLICATION
Control of heater such as electric rice cooker, electric pot
(Warning)
1. Refer to the recommended circuit values around the triac before using.
2. Be sure to exchange the specification before using. If not exchanged, general triacs will be supplied.
q
IT (RMS) .................................................................. 5A
q
VDRM ................................................................. 600V
q
IFGT !, IRGT ! , IRGT # ................... 15mA (10mA) ✽3
q
UL Recognized: Yellow Card No.E80276(N)
File No. E80271
✽1. Gate open.
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Viso
Symbol
A
A
A2s
W
W
V
A
°C
°C
g
V
5
50
10.4
3
0.3
10
2
–40 ~ +150
–40 ~ +150
2.0
2000
Symbol
V
V
MAXIMUM RATINGS
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
VDRM
VDSM
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Isolation voltage
Parameter
Parameter
Voltage class
Unit
Ratings
Unit
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=128°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Ta=25
°C, AC 1 minute, T1 · T2 · G terminal to case
Repetitive peak off-state voltage✽1
Non-repetitive peak off-state voltage✽1
12
600
720
The product guaranteed maximum junction
temperature 150
°C (See warning.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com