Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35071 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M35071
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35071 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M35071 Datasheet HTML 2Page - Renesas Technology Corp M35071 Datasheet HTML 3Page - Renesas Technology Corp M35071 Datasheet HTML 4Page - Renesas Technology Corp M35071 Datasheet HTML 5Page - Renesas Technology Corp M35071 Datasheet HTML 6Page - Renesas Technology Corp M35071 Datasheet HTML 7Page - Renesas Technology Corp M35071 Datasheet HTML 8Page - Renesas Technology Corp M35071 Datasheet HTML 9Page - Renesas Technology Corp M35071 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
5
DAF
DAE
DAD
DAC
DAB
DAA
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1
BB
BG
BR
BLINK
B
G
R
0
C6
C5
C4
C3
C2
C1
C0
1
BB
BG
BR
BLINK
B
G
R
0
C6
C5
C4
C3
C2
C1
C0
1
BB
BG
BR
BLINK
B
G
R
0
C6
C5
C4
C3
C2
C1
C0
1
BB
BG
BR
BLINK
B
G
R
0
C6
C5
C4
C3
C2
C1
C0
1–
––––
–––––
––––
1–
––––
–––––
––––
1–
SPACE2 SPACE1 SPACE0 HP10
HP9
HP8
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
1
TEST3 TEST2 TEST1 TEST0
VP9
VP8
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
1
TEST4 DSP11 DSP10 DSP9
DSP8
DSP7
DSP6
DSP5
DSP4
DSP3
DSP2
DSP1
DSP0
1–
VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1 V1SZ0
LIN9
LIN8
LIN7
LIN6
LIN5
LIN4
LIN3
LIN2
1–
VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17 LIN16 LIN15 LIN14 LIN13 LIN12 LIN11 LIN10
1–
TEST12 HSZ20 TEST11 HSZ10 BETA14 TEST8 TEST7 TEST6
FB
FG
FR
RB
RG
RR
1–
BLINK2 BLINK1 BLINK0 DSPON TEST13 RAMERS SYAD
BLK1
BLK0
––––
BCOL
00016
00116
11E16
11F16
12016
12116
12216
12316
12416
12516
12616
12716
12816
Addresses
Fig. 2
Memory constitution (page 1 memory)
Note: Page 0 and page 1 registers are found in their respective pages. For example, HP10 to HP0 of the page 0 memory sets the horizontal
display start position of page 0, whereas HP10 to HP0 (same register name) of the page 1 memory sets the horizontal display start
position of page 1. Also, registers common to both page 0 and page 1 are found only in the page 0 memory. For example, PTC0 is the
control register of the P0 pin and is found only in the page 0 memory.
Character color
Character code
Background
coloring
Blink-
ing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com