Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35071 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35071
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35071 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35071 Datasheet HTML 1Page - Renesas Technology Corp M35071 Datasheet HTML 2Page - Renesas Technology Corp M35071 Datasheet HTML 3Page - Renesas Technology Corp M35071 Datasheet HTML 4Page - Renesas Technology Corp M35071 Datasheet HTML 5Page - Renesas Technology Corp M35071 Datasheet HTML 6Page - Renesas Technology Corp M35071 Datasheet HTML 7Page - Renesas Technology Corp M35071 Datasheet HTML 8Page - Renesas Technology Corp M35071 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
SDA
DESCRIPTION
The M35071-XXXSP/FP is a character pattern display control IC can
display on the CRT display the liquid crystal display and the plasma
display. It can display 2 pages (24 characters ✕ 12 lines per 1 page)
at the same time. It uses a silicon gate CMOS process and it housed
in a 20-pin shrink DIP package (M35071-XXXSP) or a 20-pin shrink
SOP package (M35071-XXXFP).
For M35071-002SP/FP that is a standard ROM version of M35071-
XXXSP/FP respectively, the character pattern is also mentioned.
FEATURES
Screen composition ................ 24 characters ✕12 lines ✕ 2 pages
Number of characters displayed.................. 288 (Max.) ✕ 2 pages
Character composition .....................................12 ✕ 18 dot matrix
Characters available................................ page 0 : 256 characters
page 1 : 128 characters
Character sizes available ................... 4 (vertic al) ✕ 2 (horizontal)
Display locations available
Horizontal direction .............................................. 2007 locations
Vertical direction .................................................. 1023 locations
Blinking .................................................................. Character units
Cycle : division of vertical synchronization signal into 32 or 64
Duty
: 25%, 50%, or 75%
Data input ............................. By the I2C-BUS serial input function
Coloring
Character color ..................................................... Character unit
Background coloring ............................................. Character unit
Border (shadow) coloring ........................ 8 colors (RGB output)
Specified by register
Raster coloring ........................................ 8 colors (RGB output)
Specified by register
Blanking
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
Output ports
4 shared output ports (toggled between RGB output)
4 dedicated output ports
Display RAM erase function
Display input frequency range ............... FOSC = 20MHz to 90MHz
Horizontal synchronous input frequency
........................................................ H.sync = 15 kHz to 130 kHz
Display oscillation stop function
APPLICATION
CRT display, Liquid crystal display, Plasma display
Outline 20P4B
PIN CONFIGURATION (TOP VIEW)
Outline 20P2Q-A
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
VSS2
AC
TEST
SCL
TCK
VDD1
P6
P7
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
REV.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com