Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35071 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M35071
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35071 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M35071 Datasheet HTML 23Page - Renesas Technology Corp M35071 Datasheet HTML 24Page - Renesas Technology Corp M35071 Datasheet HTML 25Page - Renesas Technology Corp M35071 Datasheet HTML 26Page - Renesas Technology Corp M35071 Datasheet HTML 27Page - Renesas Technology Corp M35071 Datasheet HTML 28Page - Renesas Technology Corp M35071 Datasheet HTML 29Page - Renesas Technology Corp M35071 Datasheet HTML 30Page - Renesas Technology Corp M35071 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
26
(2) Data input (Sequence)
(a) Addresses are consists of 16 bits.
(b) Data is consists of 16 bits.
(c) Addresses and data are communicated in 8-bit units. Input the
lower 8 bits before the upper 8 bits. Make input from the MSB
side.
(d) After the start state has been attained and the control byte
(7CH) received, the next 16 bits (2 bytes) are for inputting the
address. Addresses are increased in increments for every 16
bits (2 bytes) of data input thereafter. As a result, it is not
necessary to input the address from the second data.
Note: During external synchronous, stop the external clock input
from the TCK pin while inputting data.
Fig. 14 Data input sequence
ACK* (Acknowledge) : Output the acknowledge signal whenever one byte input after the start state.
Output the acknowledge signal and recieve the data thereafter when mach the slave
address (7CH).
S
T
A
R
T
S
P
M
S
B
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
L
S
B
M
S
B
L
S
B
M
S
B
L
S
B
M
S
B
L
S
B
M
S
B
L
S
B
S
T
O
P
Control byte
(7 CH)
Lower address
(N)
Upper address
(N)
Lower data
(N)
Upper data
(N)
lower data
(N + 1)
SDA
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com