Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W20NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # W20NC50
Description  N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh™ I MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W20NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  W20NC50 Datasheet HTML 1Page - STMicroelectronics W20NC50 Datasheet HTML 2Page - STMicroelectronics W20NC50 Datasheet HTML 3Page - STMicroelectronics W20NC50 Datasheet HTML 4Page - STMicroelectronics W20NC50 Datasheet HTML 5Page - STMicroelectronics W20NC50 Datasheet HTML 6Page - STMicroelectronics W20NC50 Datasheet HTML 7Page - STMicroelectronics W20NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
May 2001
STW20NC50
N-CHANNEL 500V - 0.22
Ω - 18.4A TO-247
PowerMesh™II MOSFET
s
TYPICAL RDS(on) = 0.22Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
s
SWITH MODE LOW POWER SUPPLIES
(SMPS)
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVES
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW20NC50
500V
< 0.27
Ω
18.4A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
18.4
A
ID
Drain Current (continuos) at TC = 100°C
11.6
A
IDM (q)
Drain Current (pulsed)
73.6
A
PTOT
Total Dissipation at TC = 25°C
220
W
Derating Factor
1.75
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
2
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤18.4A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - W20NC50

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
W20NB50 THINKISEMI-W20NB50 Datasheet
1Mb / 6P
20A,500V Heatsink N-Channel Type Power MOSFET
logo
STMicroelectronics
W20NK50Z STMICROELECTRONICS-W20NK50Z Datasheet
133Kb / 7P
N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
W20NK70Z STMICROELECTRONICS-W20NK70Z Datasheet
129Kb / 6P
N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET
Jun-2003
W20NM50 STMICROELECTRONICS-W20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
logo
Inchange Semiconductor ...
W20NM60 ISC-W20NM60 Datasheet
358Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - W20NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
Sep-1998
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh™ I MOSFET
Oct-2001
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
Jun-1998
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
Jun-2002
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Oct-1999
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE
Jun-2002
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com