Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M5V216ART Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M5M5V216ART
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V216ART Datasheet(HTML) 4 Page - Renesas Technology Corp

  M5M5V216ART Datasheet HTML 1Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 2Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 3Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 4Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 5Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 6Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 7Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 8Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M5M5V216ATP,RT
revision-03, 14.Jan.'03
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
3
ABSOLUTE MAXIMUM RATINGS
pF
8
10
VI=GND, VI=25mVrms, f =1MHz
VO
=GND,VO=25mVrms, f =1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
µA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH1
IOH= -0.5mA
VOH2
IOH= -0.05mA
VOL
IOL=2mA
II
VI =0 ~ Vcc
BC1 and BC2=VIH or S=VIH or OE=VIH, VI/O=0 ~ Vcc
Vcc+0.3V
0.6
2.0
-0.3 *
2.4
0.5
0.4
±1
60
45
30
Vcc-0.5V
±1
15
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
~ +70ºC
~ +40ºC
f = 10MHz
f = 1MHz
-
-
-
-
-
-
-
-
Supply v oltage
Input v oltage
Output v oltage
Power dissipation
Operating
temperature
Storage temperature
V
mW
ºC
ºC
Conditions
Ta=25ºC
700
- 65 ~ +150
Ratings
Vcc
VI
VO
Pd
T a
T stg
-0.5* ~ +4.6
-0.5* ~ Vcc + 0.5
0 ~ Vcc
Symbol
Parameter
Units
- 40 ~ +85
I-v ersion
With respect to GND
f = 10MHz
f = 1MHz
5
60
45
15
5
~ +85ºC
~ +25ºC
-
0.3
1
5
-
-
10
-
(-HI)
With respect to GND
With respect to GND
( Vcc=2.7 ~ 3.6V, unless otherwise noted)
High-lev el input v oltage
Low-lev el input v oltage
High-level output voltage 1
High-level output voltage 2
Low-lev el output v oltage
Input leakage current
Output leakage current
Activ e supply c urrent
( AC,MOS lev el )
( AC,TTL lev el )
Activ e supply c urrent
Stand by s upply current
( AC,MOS lev el )
( AC,TTL lev el )
Stand by s upply current
Other inputs= 0 ~ Vcc
* -3.0V in case of AC (Pulse width
30ns)
Note 1: Direction for current flowing into IC is indicated as positive (no mark)
Note 2: Typical value is for Vcc=3.0V and Ta=25ºC
CAPACITANCE
(Vcc=2.7 ~ 3.6V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width
30ns)
BC1 and BC2 0.2V , S 0.2V
other inputs
0.2V or
Vcc-0.2V
Output - open (duty 100%)
<
=
<
=
>
=
BC1 and BC2=VIL , S=V IL
<
=
other pins =V IH or VIL
Output - open (duty 100%)
BC1 and BC2
Vcc - 0.2V
Other inputs=0~Vcc
S
Vcc - 0.2V,other inputs = 0 ~ Vcc
>
=
>
=
S
0.2V
<
=
< 1 >
< 2 >
BC1 and BC2=VIH , S=VIL
or
S=VIH
2
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com