Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M5V216ART Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M5M5V216ART
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V216ART Datasheet(HTML) 2 Page - Renesas Technology Corp

  M5M5V216ART Datasheet HTML 1Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 2Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 3Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 4Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 5Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 6Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 7Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 8Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M5M5V216ATP,RT
revision-03, 14.Jan.'03
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PIN CONFIGURATION
DESCRIPTION
Single +2.7~+3.6V power supply
Small stand-by current: 0.3µA(3V,ty p.)
No clocks, No ref resh
Data retention supply v oltage=2.0V to 3.6V
All inputs and outputs are TTL compatible.
Easy memory expansion by S , BC1 and BC2
Common Data I/O
Three-state outputs: OR-tie capability
OE prev ents data contention in the I/O bus
Process technology: 0.25µm CMOS
Package: 44 pin 400mil TSOP (II)
FEATURES
1
The M5M5V216A is a f amily of low v oltage 2-Mbit static RAMs
organized as 131,072-words by 16-bit, f abricated by
Mitsubishi's
high-perf ormance 0.25µm CMOS technology.
The M5M5V216A is suitable f or memory applications where a
simple interf acing , battery operating and battery backup are the
important design objectiv es.
M5M5V216ATP, RT are packaged in a 44-pin 400mil thin small
outline package. M5M5V216ATP (normal lead bend ty pe package)
, M5M5V216ART (rev erse lead bend ty pe package) , both ty pes
are v ery easy t o design a printed circuit board.
PART NAME TABLE
* "ty pical" parameter is sampled, not 100% tested.
Outline: TP :
44P3W - H
RT : 44P3W - J
NC: No Connection
A0 ~ A16
DQ1 ~ DQ16
S
W
OE
BC1
Address input
Data input / output
Chip select input
Write control input
Output inable input
Lower By te (DQ1 ~ 8)
Pin
Function
Vcc
GND
Power supply
Ground supply
BC2
Upper By te(DQ9 ~ 16)
BC1
OE
A4
A3
BC2
S
A5
DQ1
NC
Vcc
GND
WE
NC
A8
A9
A10
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A2
A1
A0
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
A16
A15
A14
A13
A12
DQ9
DQ10
DQ11
DQ12
Vcc
GND
DQ13
DQ14
DQ15
DQ16
A6
A7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
S
DQ1
Vcc
GND
WE
A2
A1
A0
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
A16
A15
A14
A13
A12
BC1
OE
BC2
A5
NC
NC
A8
A9
A10
A11
DQ9
DQ10
DQ11
DQ12
Vcc
GND
DQ13
DQ14
DQ15
DQ16
A6
A7
0.3µA 1µA
1µA
3µA
M5M5V216ATP,RT -70HI
M5M5V216ATP,RT -55HI
ty pical *
70°C
85°C
25°C
25°C
40°C
40°C
24µA
2.7 ~ 3.6V
70ns
55ns
-40 ~ +85°C
I-version
8µA
45mA
(10MHz)
5mA
(1MHz)
Version,
Part name
Power
Supply
Access
time
max.
Stand-by c urrent Icc(PD), Vcc=3.0V
Ratings (max.)
Operating
temperature
Active
(3.0V, ty p.)
Icc1
current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com