Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M5V216ART Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M5M5V216ART
Description  2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V216ART Datasheet(HTML) 3 Page - Renesas Technology Corp

  M5M5V216ART Datasheet HTML 1Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 2Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 3Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 4Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 5Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 6Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 7Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 8Page - Renesas Technology Corp M5M5V216ART Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M5M5V216ATP,RT
revision-03, 14.Jan.'03
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
FUNCTION TABLE
2
FUNCTION
The M5M5V216ATP,RT is organized as 131,072-words by
16-bit. These dev ices operate on a single +2.7~3.6V power
supply, and are directly TTL compatible to both input and
output. Its f ully st atic circuit needs no clocks and no
ref resh, and makes it usef ul.
The operation mode are determined by a combination of
the dev ice control inputs BC1 , BC2 , S , W and OE.
Each mode is summarized in the f unction table.
A write operation is executed whenev er the low lev el W
ov erlaps with the low lev el BC1 and/or BC2 and the low
lev el S. The address(A0~A16) must be set up bef ore the
write cyc le and must be stable during the entire cyc le.
A read operation is executed by s etting W at a high lev el
and OE at a low lev el while BC1 and/or BC2 and S are in
an activ e state(S=L).
When setting BC1 at the high lev el and other pins are in
an activ e stage , upper-by te are in a selesctable mode in
which both reading and writing are enabled, and lower-byte
are in a non-selectable mode. And when setting BC2 at a
high lev el and other pins are in an activ e stage, lower-
byt e are in a selectable mode and upper-by te are in a
non-selectable mode.
When setting BC1 and BC2 at a high lev el or S at a high
lev el, the chips are in a non-selectable mode in which both
reading and writing are disabled. In this mode, the output
stage is in a high-impedance state, allowing OR-tie with
other chips and memory expansion by BC1, BC2 and S.
The power supply c urrent is reduced as low as 0.3µA(25 C,
ty pical), and the memory data can be held at +2V power
supply, enabling battery back-up operation during power
f ailure or power-down operation in the non-selected mode.
BLOCK DIAGRAM
Mode
S
W
H
X
X
High-Z
S BC1 BC2
OE
DQ1~8
X
X
Non selection
DQ9~16
Icc
High-Z Standby
High-Z High-Z
L
X
L
L
H
Din
High-Z
Active
L
H
L
H
Read
High-Z
Dout
Active
L
L
H
L
Active
L
H
L
Active
L
L
High-Z
High-Z
Active
H
L
H
H
High-Z
L
L
Dout
H
L
L
Read
Dout
Active
L
L
Din
L
L
X
Write
Din
Active
H
High-Z
H
H
High-Z High-Z
Non selection
H
H
X
X
Standby
Write
L
H
L
L
Write
Din
Active
X
L
L
H
Read
High-Z
Active
L
Dout
H
High-Z
MEMORY ARRAY
131072
WORDS
x 16
BITS
CLOCK
GENERATOR
A0
A1
A15
A16
S
BC1
BC2
W
OE
DQ
8
DQ
1
DQ
16
DQ
9
-
Vcc
GND
L
Note : "H" and "L" in this table mean VIH or VIL.
"X" in this table should be "H" or "L".



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com