Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS72011RB120FPV Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 32Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 33Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 34Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 35Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 36Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 37Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 38Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 39Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 8 of 1164
REJ09B0321-0200
Item
Features
A/D converter (ADC)
• 10-bit resolution
• Eight input channels
• A/D conversion request by the external trigger or timer trigger
D/A converter (DAC)
• 8-bit resolution
• Two output channels
User break controller
(UBC)
• Two break channels
• Addresses, data values, type of access, and data size can all be set
as break conditions
User debugging
interface (H-UDI)
• E10A emulator support
• JTAG-standard pin assignment
Advanced user
debugger II
• Eight I/O pins
• Functions to read/write modules connected to internal/external buses
(except cache and H-UDI) in RAM monitor mode
On-chip RAM
• 32-Kbyte memory
Power supply voltage
• PVcc, VccR, and PLLVcc: 3.0 to 3.6 V
Packages
• LQFP2424-176Cu (0.5 pitch)
1.2
Product Lineup
Table 1.2
Product Lineup
Abbreviation Product Code
Operating Temperature
R5S72011RB120FP
−20 to +70°C
(Regular specifications)
R5S72011
R5S72011RW100FP
−20 to +85°C
(Wide-range specifications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com