Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS72011RB120FPV Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 95Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 96Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 97Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 98Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 99Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 100Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 101Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 102Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 1196 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 71 of 1164
REJ09B0321-0200
3.5
Floating-Point Exceptions
3.5.1
FPU Exception Sources
The exception sources are as follows:
• FPU error (E): When FPSCR.DN = 0 and a denormalized number is input (No chance to occur
in the SH2A-FPU)
• Invalid operation (V): In case of an invalid operation, such as NaN input
• Division by zero (Z): Division with a zero divisor
• Overflow (O): When the operation result overflows
• Underflow (U): When the operation result underflows
• Inexact exception (I): When overflow, underflow, or rounding occurs
The FPU exception cause field in FPSCR contains bits corresponding to all of above sources E, V,
Z, O, U, and I, and the FPU exception flag and enable fields in FPSCR contain bits corresponding
to sources V, Z, O, U, and I, but not E. Thus, FPU errors cannot be disabled.
When an FPU exception occurs, the corresponding bit in the FPU exception cause field is set to 1,
and 1 is added to the corresponding bit in the FPU exception flag field. When an FPU exception
does not occur, the corresponding bit in the FPU exception cause field is cleared to 0, but the
corresponding bit in the FPU exception flag field remains unchanged.
3.5.2
FPU Exception Handling
FPU exception handling is initiated in the following cases:
• FPU error (E): FPSCR.DN = 0 and a denormalized number is input (No chance to occur in the
SH2A-FPU)
• Invalid operation (V): FPSCR.Enable.V = 1 and invalid operation
• Division by zero (Z): FPSCR.Enable.Z = 1 and division with a zero divisor
• Overflow (O): FPSCR.Enable.O = 1 and instruction with possibility of operation result
overflow
• Underflow (U): FPSCR.Enable.U = 1 and instruction with possibility of operation result
underflow
• Inexact exception (I): FPSCR.Enable.I = 1 and instruction with possibility of inexact operation
result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com