Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS72011RB120FPV Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 53Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 54Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 55Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 56Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 57Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 58Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 59Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 60Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 29 of 1164
REJ09B0321-0200
(11) Absolute Address
When data is accessed by an absolute address, the absolute address value should be placed in the
memory table in advance. That value is transferred to the register by loading the immediate data
during the execution of the instruction, and the data is accessed in register indirect addressing
mode.
With the SH-2A, when data is referenced using an absolute address not exceeding 28 bits, it is also
possible to transfer immediate data located in the instruction code to a register and to reference the
data in register indirect addressing mode. However, when referencing data using an absolute
address of 21 to 28 bits, an OR instruction must be used after the data is transferred to a register.
Table 2.6
Absolute Address Accessing
Classification
SH-2A CPU
Example of Other CPU
Up to 20 bits
MOVI20
#H'12345,R1
MOV.B
@R1,R0
MOV.B
@H'12345,R0
21 to 28 bits
MOVI20S
#H'12345,R1
OR
#H'67,R1
MOV.B
@R1,R0
MOV.B
@H'1234567,R0
29 bits or more
MOV.L
@(disp,PC),R1
MOV.B
@R1,R0
..................
.DATA.L
H'12345678
MOV.B
@H'12345678,R0
(12) 16-Bit/32-Bit Displacement
When data is accessed by 16-bit or 32-bit displacement, the displacement value should be placed
in the memory table in advance. That value is transferred to the register by loading the immediate
data during the execution of the instruction, and the data is accessed in the indexed indirect
register addressing mode.
Table 2.7
Displacement Accessing
Classification
SH-2A CPU
Example of Other CPU
16-bit displacement
MOV.W
@(disp,PC),R0
MOV.W
@(R0,R1),R2
..................
.DATA.W
H'1234
MOV.W
@(H'1234,R1),R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com