Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/300H Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 80Page - Renesas Technology Corp H8/300H Datasheet HTML 81Page - Renesas Technology Corp H8/300H Datasheet HTML 82Page - Renesas Technology Corp H8/300H Datasheet HTML 83Page - Renesas Technology Corp H8/300H Datasheet HTML 84Page - Renesas Technology Corp H8/300H Datasheet HTML 85Page - Renesas Technology Corp H8/300H Datasheet HTML 86Page - Renesas Technology Corp H8/300H Datasheet HTML 87Page - Renesas Technology Corp H8/300H Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 552 page
background image
Section 3 Exception Handling
Rev. 3.00 May 15, 2007 Page 52 of 516
REJ09B0152-0300
3.5
Interrupt Sources
3.5.1
External Interrupts
There are four external interrupts: NMI, IRQAEC, IRQ1, and IRQ0.
(1)
NMI Interrupt
NMI is the highest-priority interrupt, and is always accepted by the CPU regardless of the state of
the I bit in CCR. The NMIEG bit in IEGR can be used to select whether an interrupt is requested
at a rising edge or a falling edge on the
NMI pin.
(2)
IRQ1 and IRQ0 Interrupts
IRQ1 and IRQ0 interrupts are requested by input signals at
IRQ1 and IRQ0 pins.
Using the IEG1 and IEG0 bits in IEGR, it is possible to select whether an interrupt is generated by
a rising or falling edge at
IRQ1 and IRQ0 pins.
When the specified edge is input while the
IRQ1 and IRQ0 pin functions are selected by PFCR
and PMRB, the corresponding bit in IRR1 is set to 1 and an interrupt request is generated.
Clearing the IEN1 and IEN0 bits in IENR1 to 0 disables the interrupt request to be accepted.
Setting the I bit in CCR to 1 masks all interrupts.
(3)
IRQAEC Interrupts
An IRQAEC interrupt is requested by an input signal at the IRQAEC pin or IECPWM (PWM
output for the AEC). When the IRQAEC pin is used as an external interrupt pin, clear the
ECPWME bit in AEGSR to 0.
Using the AIEGS1 and AIEGS0 bits in AEGSR, it is possible to select whether an interrupt is
generated by a rising edge, falling edge, or both edges.
When the IENEC2 bit in IENR1 is set to 1 and the specified edge is input, the corresponding bit in
IRR1 is set to 1 and an interrupt request is generated. For details, see section 13, Asynchronous
Event Counter (AEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com