Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/300H Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 94Page - Renesas Technology Corp H8/300H Datasheet HTML 95Page - Renesas Technology Corp H8/300H Datasheet HTML 96Page - Renesas Technology Corp H8/300H Datasheet HTML 97Page - Renesas Technology Corp H8/300H Datasheet HTML 98Page - Renesas Technology Corp H8/300H Datasheet HTML 99Page - Renesas Technology Corp H8/300H Datasheet HTML 100Page - Renesas Technology Corp H8/300H Datasheet HTML 101Page - Renesas Technology Corp H8/300H Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 552 page
background image
Section 4 Clock Pulse Generators
Rev. 3.00 May 15, 2007 Page 66 of 516
REJ09B0152-0300
4.2
System Clock Oscillator
Clock pulses can be supplied to the system clock divider either by connecting a crystal or ceramic
resonator, or by providing external clock input.
Either the system clock oscillator or on-chip oscillator can be selected, as shown in figure 4.1. For
the selecting method, see section 4.2.4, On-Chip Oscillator Selection Method.
4.2.1
Connecting Crystal Resonator
Figure 4.2 shows a typical method of connecting a crystal resonator. An AT-cut parallel-resonance
crystal resonator should be used. For notes on connecting, refer to section 4.5.2, Notes on Board
Design.
C1
C2
OSC1
OSC2
Frequency
Manufacturer
4.194304 MHz NIHON DEMPA KOGYO CO.,LTD.
C1, C2 Recommendation Value
Product Type
NR-18
12 pF ±20%
Figure 4.2 Typical Connection to Crystal Resonator
4.2.2
Connecting Ceramic Resonator
Figure 4.3 shows a typical method of connecting a ceramic resonator. For notes on connecting,
refer to section 4.5.2, Notes on Board Design.
OSC1
OSC2
C1
C2
Frequency
Manufacturer
4.19 MHz
Murata Manufacturing Co., Ltd.
C1, C2 Recommendation Value
15 pF (on-chip)
47 pF (on-chip)
Figure 4.3 Typical Connection to Ceramic Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com