Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/300H Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 98Page - Renesas Technology Corp H8/300H Datasheet HTML 99Page - Renesas Technology Corp H8/300H Datasheet HTML 100Page - Renesas Technology Corp H8/300H Datasheet HTML 101Page - Renesas Technology Corp H8/300H Datasheet HTML 102Page - Renesas Technology Corp H8/300H Datasheet HTML 103Page - Renesas Technology Corp H8/300H Datasheet HTML 104Page - Renesas Technology Corp H8/300H Datasheet HTML 105Page - Renesas Technology Corp H8/300H Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 552 page
background image
Section 4 Clock Pulse Generators
Rev. 3.00 May 15, 2007 Page 70 of 516
REJ09B0152-0300
4.3.3
External Clock Input Method
Connect the external clock to the X1 pin and leave the X2 pin open, as shown in figure 4.8.
X1
External clock input
X2
Open
Figure 4.8 Pin Connection when Inputting External Clock
Frequency
Watch Clock (
φ
W)
Duty
45% to 55%
4.3.4
On-Chip Oscillator Selection Method
The on-chip oscillator is selected by the SUBSEL bit in OSCCR. When the on-chip oscillator is
selected, a resonator no longer needs to be connected to the X1 and X2 pins. In such a case, fix the
X1 pin at GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com