Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/300H Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 92Page - Renesas Technology Corp H8/300H Datasheet HTML 93Page - Renesas Technology Corp H8/300H Datasheet HTML 94Page - Renesas Technology Corp H8/300H Datasheet HTML 95Page - Renesas Technology Corp H8/300H Datasheet HTML 96Page - Renesas Technology Corp H8/300H Datasheet HTML 97Page - Renesas Technology Corp H8/300H Datasheet HTML 98Page - Renesas Technology Corp H8/300H Datasheet HTML 99Page - Renesas Technology Corp H8/300H Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 552 page
background image
Section 4 Clock Pulse Generators
Rev. 3.00 May 15, 2007 Page 64 of 516
REJ09B0152-0300
4.1
Register Description
• Oscillator control register (OSCCR)
4.1.1
Oscillator Control Register (OSCCR)
OSCCR controls the subclock oscillator, on-chip feedback resistance, and on-chip oscillator.
Bit
Bit Name
Initial
Value
R/W
Description
7
SUBSTP
0
R/W
Subclock Oscillator Control
Controls start and stop of the subclock oscillator. When
the subclock is not used, set this bit to 1.
0: Subclock oscillator operates
1: Subclock oscillator stops
6
RFCUT
0
R/W
On-chip Feedback Resistance Control
Selects whether the on-chip feedback resistance in the
system clock oscillator is used when an external clock
is input or when the on-chip oscillator is used.
After setting this bit in the state in which an external
clock is input or the on-chip oscillator is used,
temporarily transit to standby mode, watch mode, or
subactive mode. The setting of whether the feedback
resistance in the system clock oscillator is used or not
takes effect when standby mode, watch mode, or
subactive mode is entered.
0: On-chip feedback resistance in system clock
oscillator is used
1: On-chip feedback resistance in system clock
oscillator is not used
5
SUBSEL
0
R/W
Subclock Select
Selects by which oscillator the subclock pulse
generator operates.
0: Subclock oscillator operates
1: On-chip oscillator operates
Note: The SUBSEL bit setting can be changed only
when the subclock is not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com