Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 52Page - Renesas Technology Corp R8C Datasheet HTML 53Page - Renesas Technology Corp R8C Datasheet HTML 54Page - Renesas Technology Corp R8C Datasheet HTML 55Page - Renesas Technology Corp R8C Datasheet HTML 56Page - Renesas Technology Corp R8C Datasheet HTML 57Page - Renesas Technology Corp R8C Datasheet HTML 58Page - Renesas Technology Corp R8C Datasheet HTML 59Page - Renesas Technology Corp R8C Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 46 of 180
REJ09B0019-0120
______
10.2 INT Interrupt
________
10.2.1 INT0 Interrupt
_______
INT0 interrupt is triggered by an INT0 input. When using INT0 interrupts, the INT0EN bit in the INTEN
register must be set to “1” (enabling). The edge polarity is selected using the INT0PL bit in the INTEN
register and the POL bit in the INT0IC register.
Inputs can be passed through a digital filter with three different sampling clocks.
_______
The INT0 pin is shared with the external trigger input pin of Timer Z.
Figure 10.10 shows the INTEN and INT0F registers.
Figure 10.10 INTEN Register and INT0F Register
External input enable register
Bit name
Function
Bit symbol
RW
SymbolAddressAfter reset
INTEN
009616
0016
INT0EN
b7b6b5b4b3b2b1b0
INT0 input enable bit(1)
0 : Disabled
1 : Enabled
0 : One edge
1 : Both edges
Set to “0”
INT0 input polarity select bit(2)
Reserved bit
INT0PL
(b7-b2)
NOTES:
1. This bit must be set while the INT0STG bit in the PUM register is set to “0” (one-shot trigger disabled).
2. When setting the INT0PL bit to “1” (selecting both edges), the POL bit in the INT0IC must be set to “0”
(selecting falling edge).
3. The IR bit in the INT0IC register may be set to “1” (interrupt requested) when the INT0PL bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
INT0 input filter select register
Bit name
Function
Bit symbol
SymbolAddressAfter reset
INT0F
001E16
XXXXX0002
INT0F0
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : No filter
0 1 : Filter with f1 sampling
1 0 : Filter with f8 sampling
1 1 : Filter with f32 sampling
Set to “0”
Reserved bit
INT0F1
b1 b0
INT0 input filter select bit
Nothing is assigned.
When write, set to “0”. If read, it content is indeterminate.
RW
RW
RW
RW
RW
RW
RW
(b2)
(b7-b3)
0
000
0
00
10.2 INT Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com