Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 92Page - Renesas Technology Corp R8C Datasheet HTML 93Page - Renesas Technology Corp R8C Datasheet HTML 94Page - Renesas Technology Corp R8C Datasheet HTML 95Page - Renesas Technology Corp R8C Datasheet HTML 96Page - Renesas Technology Corp R8C Datasheet HTML 97Page - Renesas Technology Corp R8C Datasheet HTML 98Page - Renesas Technology Corp R8C Datasheet HTML 99Page - Renesas Technology Corp R8C Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 86 of 180
REJ09B0019-0120
12.4 Timer C
Timer C is a 16-bit free-running timer. Figure 12.28 shows a block diagram of Timer C. The Timer C uses
an edge input to TCIN pin or the fRING128 clock as trigger to latch the timer count value and generates an
interrupt request. The TCIN input has a digital filter and this prevents an error caused by noise or so on
from occurring. Table 12.13 shows Timer C specifications. Figure 12.29 shows TC, TM0, TCC0, and
TCC1 registers. Figure 12.30 shows an operation example of Timer C.
Item
Specification
Count source
f1, f8, f32
Count operation
• Count up
• Transfer value in TC register to TM0 register at active edge of measurement pulse
• Value in TC register is set to “000016” when a counting stops
Count start condition
TCC00 bit in TCC0 register is set to “1” (capture enabled)
Count stop condition
TCC00 bit in TCC0 register is set to “0” (capture disabled)
Interrupt request
_____
• When active edge of measurement pulse is input [INT3 interrupt]
generation timing
• When Time C underflows [Timer C interrupt]
______
INT3/TCIN pin function
Programmable I/O or measurement pulse input
Counter value reset timing
When TCC00 bit in TCC0 register is set to “0” (capture disabled)
Read from timer(1)
• Counter value can be read out by reading TC register.
• Counter value at measurement pulse active edge input can be read out by reading TM0
register.
Write to timer
Write to TC register and TM0 register is disabled
Select function
_____
• INT3/TCIN switching function
Measurement pulse active edge is selected by TCC03 to TCC04 bits
• Digital filter function
Digital filter sampling frequency is selected by TCC11 to TCC10 bits
• Trigger select function
TCIN input or fRING128 is selected by TCC07 bit.
NOTES:
1. TC register and TM0 register must be read in 16-bit units.
TM0 register
Upper 8 bits
Lower 8 bits
Counter
f1
f8
f32
Edge detection
fRING128
Timer C interrupt
TCC07=1
Transfer signal
Digital
filter
f1
f8
f32
TCC11 to TCC10
=012
TC register
Data bus
Upper 8 bits
Lower 8 bits
INT3/TCIN
=102
=112
TCC07=0
TCC02 to TCC01
=002
=012
=102
INT3 interrupt
TCC11 to TCC10
=002
Other than 002
TCC01, TCC02, TCC07: Bits in TCC0 register
TCC10, TCC11: Bits in TCC1 register
Sampling
clock
Table 12.13 Timer C Specifications
Figure 12.28 Timer C Block Diagram
12.4 Timer (Timer C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com