Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R8C
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 94Page - Renesas Technology Corp R8C Datasheet HTML 95Page - Renesas Technology Corp R8C Datasheet HTML 96Page - Renesas Technology Corp R8C Datasheet HTML 97Page - Renesas Technology Corp R8C Datasheet HTML 98Page - Renesas Technology Corp R8C Datasheet HTML 99Page - Renesas Technology Corp R8C Datasheet HTML 100Page - Renesas Technology Corp R8C Datasheet HTML 101Page - Renesas Technology Corp R8C Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 88 of 180
REJ09B0019-0120
TCC00 bit in TCC0
register
Measurement pulse
(TCIN pin input)
TM0 register
FFFF16
000016
Conditions: TCC0 register TCC04 to TCC03 bits=012 (capture input polarity is set for falling edge),
TCC07=0 (INT3/TCIN input as capture input trigger)
Count start
IR bit in TCIC
register
“H”
“L”
“1”
“0”
Set to “0” when interrupt
request is accepted, or set by
program
Set to "0" by
program
Set to "1" by program
Overflow
Measurement value 2
Indeterminate
Set to “0” when interrupt request is accepted, or set by program
IR bit in INT3IC
register
Measurement value 1
Transmit timing from
Timer C counter to
TM0 register
Measurement
value 1
Measurement value 2
Measurement
value 3
Indeterminate
Transmit
(Measurement
value 3)
Transmit
(Measurement
value 2)
Transmit
(Measurement
value 1)
Time
Measure-
ment
value 3
“1”
“0”
“1”
“0”
The delay caused
by digital filter
Figure 12.30 Operation Example of Timer C
12.4 Timer (Timer C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com