Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83802 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # H83802
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83802 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button H83802 Datasheet HTML 69Page - Renesas Technology Corp H83802 Datasheet HTML 70Page - Renesas Technology Corp H83802 Datasheet HTML 71Page - Renesas Technology Corp H83802 Datasheet HTML 72Page - Renesas Technology Corp H83802 Datasheet HTML 73Page - Renesas Technology Corp H83802 Datasheet HTML 74Page - Renesas Technology Corp H83802 Datasheet HTML 75Page - Renesas Technology Corp H83802 Datasheet HTML 76Page - Renesas Technology Corp H83802 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 555 page
background image
Section 2 CPU
CPU30L0A_000020020900
Rev. 6.00 Mar 15, 2005 page 23 of 502
REJ09B0024-0600
Section 2 CPU
The H8/300L CPU has sixteen 8-bit general registers, which can also be paired as eight 16-bit
registers. Its concise instruction set is designed for high-speed operation.
2.1
Features
• General-register architecture
 Sixteen 8-bit general registers, also usable as eight 16-bit registers
• Fifty-five basic instructions
 Multiply and divide instructions
 Powerful bit-manipulation instructions
• Eight addressing modes
 Register direct [Rn]
 Register indirect [@Rn]
 Register indirect with displacement [@(d:16,Rn)]
 Register indirect with post-increment or pre-decrement [@Rn+ or @–Rn]
 Absolute address [@aa:8 or @aa:16]
 Immediate [#xx:8 or #xx:16]
 Program-counter relative [@(d:8,PC)]
 Memory indirect [@@aa:8]
• 64-kbyte address space
• High-speed operation
 All frequently-used instructions execute in two to four states
 8/16-bit register-register add/subtract : 0.25 µs*
 8 × 8-bit multiply : 1.75 µs*
 16 ÷ 8-bit divide : 1.75 µs*
Note: * These values are at
φ = 8 MHz.
• Power-down state
 Transition to power-down state by SLEEP instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com