Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83802 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H83802
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83802 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H83802 Datasheet HTML 9Page - Renesas Technology Corp H83802 Datasheet HTML 10Page - Renesas Technology Corp H83802 Datasheet HTML 11Page - Renesas Technology Corp H83802 Datasheet HTML 12Page - Renesas Technology Corp H83802 Datasheet HTML 13Page - Renesas Technology Corp H83802 Datasheet HTML 14Page - Renesas Technology Corp H83802 Datasheet HTML 15Page - Renesas Technology Corp H83802 Datasheet HTML 16Page - Renesas Technology Corp H83802 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page xiii of l
Item
Page
Revisions (See Manual for Details)
1.2 Internal Block
Diagram
Figure 1.3 Internal
Block Diagram of
H8/38104 Group
6
Figure amended
H8/300L
CPU
RAM
ROM
Asynchronous
event counter
(AEC)
Power-on reset
and low-voltage
detection circuit
WDT
CVcc
Vss = AVss
Vcc
RES
TEST
PA3/COM4
PA2/COM3
PA1/COM2
PA0/COM1
P80/SEG25
P77/SEG24
P76/SEG23
P75/SEG22
P74/SEG21
P73/SEG20
P72/SEG19
P71/SEG18
P70/SEG17
P60/SEG9
P61/SEG10
P62/SEG11
P63/SEG12
P64/SEG13
P65/SEG14
P66/SEG15
P67/SEG16
P40/SCK32
P41/RXD32
P42/TXD32
P43/
IRQ0
OSC1
OSC2
x1
x2
P31/TMOFL
P32/TMOFH
P33
P34
P35
P36/AEVH
P37/AEVL
P50/
WKP0/SEG1
P51/
WKP1/SEG2
P52/
WKP2/SEG3
P53/
WKP3/SEG4
P54/
WKP4/SEG5
P55/
WKP5/SEG6
P56/
WKP6/SEG7
P57/
WKP7/SEG8
PB3/AN3/
IRQ1
PB2/AN2
PB1/AN1/extU
PB0/AN0/extD
V1
V2
V3
AVcc
IRQAEC
Vss
P95
P93/Vref
P92
P91/PWM2
P90/PWM1
Subclock oscillator
System clock oscillator
Timer A
Timer F
SCI3
10-bit PWM1
10-bit PWM2
LCD
controller/driver
10-bit A/D converter
1.3 Pin Arrangement
Figure 1.4 Pin
Arrangement of
H8/3802, H8/38004 and
H8/38002S Group (FP-
64A, FP-64E, FP-64K)
7
Title and figure amended
FP-64A, FP-64E, FP-64K (Top view)
1.4 Pin Functions
Table 1.4 Pin
Functions
19 to 22
Table amended
Pin No.
Type
Symbol
FP-64A,
FP-64E,
FP-64K
DP-64S
Pad
No.*
1*3
Pad
No.*
2
I/O
Functions
Clock pins
X1
2
10
2
2
Input
X2
3
11
3
3
Output
These pins connect to a 32.768-
or 38.4-kHz*
5 crystal resonator
for subclocks.
See section 4, Clock Pulse
Generators, for a typical
connection.
Note added
Note: 5. Does not apply to H8/38104 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com