Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H83802 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H83802
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83802 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H83802 Datasheet HTML 17Page - Renesas Technology Corp H83802 Datasheet HTML 18Page - Renesas Technology Corp H83802 Datasheet HTML 19Page - Renesas Technology Corp H83802 Datasheet HTML 20Page - Renesas Technology Corp H83802 Datasheet HTML 21Page - Renesas Technology Corp H83802 Datasheet HTML 22Page - Renesas Technology Corp H83802 Datasheet HTML 23Page - Renesas Technology Corp H83802 Datasheet HTML 24Page - Renesas Technology Corp H83802 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page xxi of l
Item
Page
Revisions (See Manual for Details)
9.4.6 Usage Notes
248, 249 Description amended
2. The maximum clock frequency that may be input to the
AEVH and AEVL pins is 16 MHz*
1. Furthermore, the clock
high width and low width should be half or more the OSC
clock cycle time. The duty ratio does not matter as long as
the high width and low width satisfy the minimum
requirement.
Mode
Maximum Clock
Frequency Input to
AEVH/AEVL Pin
Watch, subactive, subsleep, standby
φW = 32.768 kHz or 38.4 kHz*2
(
φW/2)
(
φW/4)
(
φW/8)
1000 kHz
500 kHz
250 kHz
Notes: 1.
Up to 10 MHz in the H8/38004, H8/38002S Group.
2.
Does not apply to H8/38104 Group.
9.5 Watchdog Timer
250
Description amended
However, as shown in watchdog timer block diagrams figure
9.12 (1) and figure 9.12 (2), the implementation differs in the
H8/38004, H8/38002S Group and the H8/38104 Group.
9.5.1 Features
Description amended
• Selectable from two counter input clocks (H8/38004,
H8/38002S Group).
Figure 9.12(1) Block
Diagram of Watchdog
Timer (H8/38004,
H8/38002S Group)
Title amended
9.5.2 Register
Descriptions
Timer Control/Status
Register W (TCSRW)
253
Notes amended
Notes: 2.Initial value 0 on H8/38004, H8/38002S Group and 1
on H8/38104 Group.
3.On reset, cleared to 0 on H8/38004, H8/38002S Group
and set to 1 on H8/38104 Group.
9.5.3 Operation
254
Description amended
The input clock is selected by the WDCKS bit in the port mode
register 2 (PMR2)*: On the H8/38004, H8/38002S Group,
φ/8192 is selected when the WDCKS bit is cleared to 0, and
φw/32 when set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com