Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LDY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG412LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDY Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG412LDY Datasheet HTML 3Page - Vishay Siliconix DG412LDY Datasheet HTML 4Page - Vishay Siliconix DG412LDY Datasheet HTML 5Page - Vishay Siliconix DG412LDY Datasheet HTML 6Page - Vishay Siliconix DG412LDY Datasheet HTML 7Page - Vishay Siliconix DG412LDY Datasheet HTML 8Page - Vishay Siliconix DG412LDY Datasheet HTML 9Page - Vishay Siliconix DG412LDY Datasheet HTML 10Page - Vishay Siliconix DG412LDY Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number: 71397
S-71241–Rev. E, 25-Jun-07
Vishay Siliconix
DG411L/412L/413L
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Switching Time vs. Dual Supply
Input Threshold vs. Single Supply Voltage
Capacitance vs. Analog Signal
(Dual Supply)
0
9
18
27
36
45
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V± Positive Supply Voltage (V)
tON
tOFF
0.0
0.3
0.6
0.9
1.2
1.5
1.8
02
46
8
10
12
14
V ± Positive Supply Voltage (V)
0
5
10
15
20
25
- 5- 3- 1
1
3
5
Analog Voltage (V)
VSUPPLY = ± 5 V
CD(on)
CS/CD(off)
Charge Injection vs. Drain Voltage
Drain Capacitance vs. Drain Voltage
(Single Supply)
Insertion Loss, Off Isolation and Crosstalk
vs. Frequency (Single Supply)
- 2
0
2
4
6
- 5
- 3
- 1
1
3
5
Drain Voltage (V)
VSUPPLY = ± 5 V
VSUPPLY = 3 V
0
1
2
3
4
5
6
7
03
69
12
VD – Drain Voltage (V)
CD(off) at VCC = 5 V
CD(off) at VCC = 3 V
CD(off) at VCC = 12 V
0.1
- 110
1
- 30
10
- 70
- 50
100
1000
Frequency (MHz)
- 90
V+ = 3 V
V- = 0 V
RL = 50 Ω
Off Isolation
Crosstalk
Insertion Loss
- 3 dB = 280 MHz
10
- 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com