Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LDY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG412LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDY Datasheet(HTML) 3 Page - Vishay Siliconix

  DG412LDY Datasheet HTML 1Page - Vishay Siliconix DG412LDY Datasheet HTML 2Page - Vishay Siliconix DG412LDY Datasheet HTML 3Page - Vishay Siliconix DG412LDY Datasheet HTML 4Page - Vishay Siliconix DG412LDY Datasheet HTML 5Page - Vishay Siliconix DG412LDY Datasheet HTML 6Page - Vishay Siliconix DG412LDY Datasheet HTML 7Page - Vishay Siliconix DG412LDY Datasheet HTML 8Page - Vishay Siliconix DG412LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 71397
S-71241–Rev. E, 25-Jun-07
www.vishay.com
3
Vishay Siliconix
DG411L/412L/413L
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
SPECIFICATIONSa (SINGLE SUPPLY 12 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix Limits
- 55 to 125 °C
D Suffix Limits
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
012012
V
Drain-Source On-Resistance
rDS(on)
V+ = 10.8 V, V- = 0 V
IS = 10 mA, VD = 2/9 V
Room
Full
20
30
45
30
40
Ω
Switch Off Leakage Current
IS(off)
VD = 1/11 V, VS = 11/1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage
Current
ID(on)
VS = VD = 11/1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.8 V
Full
0.01
- 1.5
1.5
- 1
1
µA
Input Current, VIN High
IIH
VIN Under Test = 2.4 V
Full
- 1.5
1.5
- 1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = 5 V, See Figure 2
Room
Full
20
50
70
50
60
ns
Turn-Off Time
tOFF
Room
Full
12
30
48
30
40
Break-Before-Make
Time Delay
tD
DG413L Only, VS = 5 V
RL = 300 Ω, CL = 35 pF
Room
6
Charge Injectione
QVg = 0 V, Rg = 0 Ω, CL = 10 nF
Room
5
pC
Off-Isolatione
OIRR
RL = 50 Ω, CL = 5 pF , f = 1 MHz
Room
71
dB
Channel-to-Channel
Crosstalke
XTALK
Room
95
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
5
pF
Drain Off Capacitancee
CD(off)
Room
6
Channel-On Capacitancee
CD(on)
Room
15
Power Supplies
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
0.02
1
7.5
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.002
1
7.5
1
5
Ground Current
IGND
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com