Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG412LDY Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG412LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDY Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG412LDY Datasheet HTML 3Page - Vishay Siliconix DG412LDY Datasheet HTML 4Page - Vishay Siliconix DG412LDY Datasheet HTML 5Page - Vishay Siliconix DG412LDY Datasheet HTML 6Page - Vishay Siliconix DG412LDY Datasheet HTML 7Page - Vishay Siliconix DG412LDY Datasheet HTML 8Page - Vishay Siliconix DG412LDY Datasheet HTML 9Page - Vishay Siliconix DG412LDY Datasheet HTML 10Page - Vishay Siliconix DG412LDY Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
10
Document Number: 71397
S-71241–Rev. E, 25-Jun-07
Vishay Siliconix
DG411L/412L/413L
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?71397.
Figure 4. Charge Injection
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
GND
OFF
ON
OFF
OFF
ON
OFF
VO
ΔVO
INX
INX
Q =
ΔVO x CL
INX dependent on switch configuration Input polarity determined
by sense of switch.
V-
V+
VL
Figure 5. Crosstalk
0 V, 2.4 V
S1
XTALK Isolation = 20 log
VS
VO
D2
C = RF bypass
RL
D1
S2
VS
0 V, 2.4 V
IN1
50
Ω
VO
IN2
Rg = 50 Ω
VL
V+
GND
V -
NC
C
CC
V+
V-
VL
Figure 6. Off-Isolation
RL
50
Ω
D
0 V, 2.4 V
V+
Rg = 50 Ω
GND
V-
C
VS
Off Isolation = 20 log
VS
VO
IN
VL
VO
C
S
C
C = RF Bypass
V-
V+
VL
Figure 7. Source/Drain Capacitances
D
IN
S
VL
V+
GND
V -
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
CC
VLV+
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com