Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HS Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG201HS
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HS Datasheet(HTML) 7 Page - Vishay Siliconix

  DG201HS Datasheet HTML 1Page - Vishay Siliconix DG201HS Datasheet HTML 2Page - Vishay Siliconix DG201HS Datasheet HTML 3Page - Vishay Siliconix DG201HS Datasheet HTML 4Page - Vishay Siliconix DG201HS Datasheet HTML 5Page - Vishay Siliconix DG201HS Datasheet HTML 6Page - Vishay Siliconix DG201HS Datasheet HTML 7Page - Vishay Siliconix DG201HS Datasheet HTML 8Page - Vishay Siliconix DG201HS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 70038
S-71241–Rev. G, 25-Jun-07
www.vishay.com
7
Vishay Siliconix
DG201HS
TEST CIRCUITS
Figure 2. Switching Time
10 %
90 %
± 10 V
RL
RL + rDS(on)
VO = VS
CL (includes fixture and stray capacitance)
V-
V+
IN
S
CL
35 pF
D
3 V
RL
1 k
Ω
VO
- 15 V
GND
+ 15 V
50 %
0 V
3 V
tOFF1
tON
VO
VS
tr < 20 ns
tf < 20 ns
Logic
Input
Switch
Input
Switch
Output
tOFF2
Figure 3. Charge Injection
CL
1 nF
3 V
V-
- 15 V
VO
GND
V+
Rg
S
D
IN
+ 15 V
ΔVO
VO
INX
SWON
OFF
Q =
ΔVO x CL
Figure 4. Off Isolation
S
IN
RL
D
Rg = 50
Ω
VS
VO
0 V, 3 V
Off Isolation = 20 log
VS
VO
V+
- 15 V
GND
V-
C
C
+ 15 V
Figure 5. Crosstalk
50
Ω
D1
VO
Rg = 50 Ω
S1
+ 15 V
- 15 V
D2
GND
V+
V-
NC
C
C
S2
RL
IN1
XTALK Isolation = 20 log
VS
VO
0 V, 3 V
0 V, 3 V
VS
IN2
C = RF bypass



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com