Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG201HS
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HS Datasheet(HTML) 2 Page - Vishay Siliconix

  DG201HS Datasheet HTML 1Page - Vishay Siliconix DG201HS Datasheet HTML 2Page - Vishay Siliconix DG201HS Datasheet HTML 3Page - Vishay Siliconix DG201HS Datasheet HTML 4Page - Vishay Siliconix DG201HS Datasheet HTML 5Page - Vishay Siliconix DG201HS Datasheet HTML 6Page - Vishay Siliconix DG201HS Datasheet HTML 7Page - Vishay Siliconix DG201HS Datasheet HTML 8Page - Vishay Siliconix DG201HS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 70038
S-71241–Rev. G, 25-Jun-07
Vishay Siliconix
DG201HS
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 12 mW/°C above 75 °C.
e. Derate 7.6 mW/°C above 75 °C.
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
16-Pin Plastic DIP
DG201HSDJ
DG201HSDJ-E3
16-Pin Narrow SOIC
DG201HSDY
DG201HSDY-E3
DG201HSDY-T1
DG201HSDY-T1-E3
16-Pin TSSOP
DG201HSDQ
DG201HSDQ-E3
DG201HSDQ-T1
DG201HSDQ-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
44
V
GND to V-
25
Digital Inputsa, VS, VD
(V-) - 4 to (V+) + 4 or
30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Current, S or D (Pulsed at 1 ms, 10 % duty cycle)
100
Storage Temperature
(A Suffix)
- 65 to 150
°C
(D Suffix)
- 65 to 125
Power Dissipation (Package)b
16-Pin Plastic DIPc
470
mW
16-Pin CerDIPd
900
16-Pin Narrow Body SOIC and TSSOPe
600
LCC-20d
900
Figure 1.
GND
V-
DX
SX
V+
5 V
Reg
V+
INX
V-
Level
Shift/
Drive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com