Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG201HS
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HS Datasheet(HTML) 4 Page - Vishay Siliconix

  DG201HS Datasheet HTML 1Page - Vishay Siliconix DG201HS Datasheet HTML 2Page - Vishay Siliconix DG201HS Datasheet HTML 3Page - Vishay Siliconix DG201HS Datasheet HTML 4Page - Vishay Siliconix DG201HS Datasheet HTML 5Page - Vishay Siliconix DG201HS Datasheet HTML 6Page - Vishay Siliconix DG201HS Datasheet HTML 7Page - Vishay Siliconix DG201HS Datasheet HTML 8Page - Vishay Siliconix DG201HS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 70038
S-71241–Rev. G, 25-Jun-07
Vishay Siliconix
DG201HS
Notes:
a.Refer to PROCESS OPTION FLOWCHART.
b.Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa FOR SINGLE SUPPLY
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 10.8 V to 16.5 V,
V- = GND = 0 V, VIN = 3 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
V+
0
V+
V
Drain-Source
On-Resistance
rDS(on)
IS = - 10 mA, VD = 8.5 V
V+ = 10.8 V
Room
Full
65
90
120
90
120
Ω
Switch Off Leakage Current
IS(off)
V+ = 16.5 V
VS= 0.5 V, 10 V
VD = 10 V, 0.5 V
Room
Full
0.1
- 1
- 60
1
60
- 1
- 20
1
20
nA
ID(off)
Room
Full
0.1
- 1
- 60
1
60
- 1
- 20
1
20
Channel On Leakage
Current
ID(on) + IS(on)
V+ = 16.5 V
VD = 0.5 V, 10 V
Room
Full
0.1
- 1
- 60
1
60
- 1
- 20
1
20
Digital Control
Input, High Voltage
VINH
Full
2.4
2.4
V
Input, Low Voltage
VINL
Full
0.8
0.8
Input Capacitance
CIN
Full
5
pF
Input Current
IINH or IINL
V+ = 16.5 V
VIN under test = 0.8 V, 3 V
Full
- 1
1
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
RL = 1 kΩ, CL = 35 pF
VS = 2 V, V = 10.8 V
See Figure 2
Room
Full
50
70
50
70
ns
Turn-Off Time
tOFF1
Room
Full
50
70
50
70
tOFF2
Room
150
Output Settling Time to 0.1 %
ts
Room
180
Charge Injection
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 Ω
Room
10
pC
Off Isolation
OIRR
RL = 1 kΩ, CL = 10 pF
f = 100 kHz
Room
85
dB
Crosstalk
(Channel-to-Channel)
XTALK
Any Other Channel Switches
RL = 1 kΩ, CL = 10 pF
f = 100 kHz
Room
100
Source Off Capacitance
CS(off)
f = 1 MHz
Room
10
pF
Drain Off Capacitance
CD(off)
Room
10
Channel On Capacitance
CD(on)
VANALOG = 0 V
Room
30
Power Supply
Positive Supply Current
I+
V+ = 15 V, VIN = 0 or 5 V
Full
10
10
mA
Power Consumptionc
PC
Full
150
150
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com