Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C8B Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M32C8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C8B Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M32C8B Datasheet HTML 35Page - Renesas Technology Corp M32C8B Datasheet HTML 36Page - Renesas Technology Corp M32C8B Datasheet HTML 37Page - Renesas Technology Corp M32C8B Datasheet HTML 38Page - Renesas Technology Corp M32C8B Datasheet HTML 39Page - Renesas Technology Corp M32C8B Datasheet HTML 40Page - Renesas Technology Corp M32C8B Datasheet HTML 41Page - Renesas Technology Corp M32C8B Datasheet HTML 42Page - Renesas Technology Corp M32C8B Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 406 page
background image
Under development
M32C/8B Group
4. Special Function Registers (SFRs)
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 22 of 385
4.
Special Function Registers (SFRs)
Special Function Registers (SFRs) are the control registers of peripheral functions. Tables 4.1 to 4.11 list SFR address
maps.
Table 4.1
SFR Address Map (1/11)
X: Undefined
Blank spaces are all reserved. No access is allowed.
NOTE:
1.
Bits PM01 and PM00 in the PM0 register maintain values set before reset, even after software reset or watchdog timer reset has been
performed.
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0(1)
PM0
1000 0000b(CNVSS=”L”)
0000 0011b(CNVSS=”H”)
0005h
Processor Mode Register 1
PM1
00h
0006h
System Clock Control Register 0
CM0
0000 1000b
0007h
System Clock Control Register 1
CM1
0010 0000b
0008h
0009h
Address Match Interrupt Enable Register
AIER
00h
000Ah
Protect Register
PRCR
XXXX 0000b
000Bh
External Data Bus Width Control Register
DS
XXXX 1000b(BYTE=”L”)
XXXX 0000b(BYTE=”H”)
000Ch
Main Clock Division Register
MCD
XXX0 1000b
000Dh
Oscillation Stop Detection Register
CM2
00h
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDC
000X XXXXb
0010h
Address Match Interrupt Register 0
RMAD0
000000h
0011h
0012h
0013h
Processor Mode Register 2
PM2
00h
0014h
Address Match Interrupt Register 1
RMAD1
000000h
0015h
0016h
0017h
Reference Voltage Configuration Register
DVCR
1000 1111b
0018h
Address Match Interrupt Register 2
RMAD2
000000h
0019h
001Ah
001Bh
Voltage Monitor Register
LVDC
0000 1000h
001Ch
Address Match Interrupt Register 3
RMAD3
000000h
001Dh
001Eh
001Fh
Voltage Regulator Control Register
VRCR
00h
0020h
0021h
0022h
0023h
0024h
0025h
0026h
PLL Control Register 0
PLC0
0001 X010b
0027h
0028h
Address Match Interrupt Register 4
RMAD4
000000h
0029h
002Ah
002Bh
002Ch
Address Match Interrupt Register 5
RMAD5
000000h
002Dh
002Eh
002Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com