Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C8B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M32C8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C8B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M32C8B Datasheet HTML 17Page - Renesas Technology Corp M32C8B Datasheet HTML 18Page - Renesas Technology Corp M32C8B Datasheet HTML 19Page - Renesas Technology Corp M32C8B Datasheet HTML 20Page - Renesas Technology Corp M32C8B Datasheet HTML 21Page - Renesas Technology Corp M32C8B Datasheet HTML 22Page - Renesas Technology Corp M32C8B Datasheet HTML 23Page - Renesas Technology Corp M32C8B Datasheet HTML 24Page - Renesas Technology Corp M32C8B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 406 page
background image
M32C/8B Group
1. Overview
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 4 of 385
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 1.3
Specifications (100-Pin Package) (1/2)
NOTE:
1. Please contact a Renesas sales office to use optional features.
Item
Function
Specification
CPU
Central processing unit
M32C/80 core (multiplier: 16 bits × 16 bits
→ 32 bits,
multiply-addition operation instructions: 16 × 16 + 48
→ 48 bits)
• Basic instructions: 108
• Minimum instruction execution time:
31.3 ns (f(CPU) = 32 MHz / VCC1 = 3.0 to 5.5 V)
• Operating modes: Single-chip mode, memory expansion mode,
and microprocessor mode
Memory
ROM / RAM
Flash memory version: 256KB + 8KB/32 KB, 128KB + 8KB/32 KB
ROMless version
:
− / 32KB
Power Supply Voltage Detection
Voltage monitor interrupt (optional)(1)
External
Bus
Expansion
Bus / memory expansion
function
• Address space: 16 Mbyte
• External bus interface: 1 to 7 wait states can be inserted,
4 chip select outputs, 3 V and 5 V interfaces
• Bus format: Switchable between separate bus and multiplexed
bus formats, switchable data bus width (8-bit or 16-bit)
Clock
Clock generation circuits • 4 circuits:
Main clock, sub clock, on-chip oscillator,
PLL frequency synthesizer
• Oscillation stop detection:
Main clock oscillation stop detect function
• Frequency divider circuit:
Dividing ratio selectable among 1, 2, 3, 4, 6, 8, 10, 12, 14, 16
• Low power consumption features: Wait mode, stop mode
Interrupts
• Interrupt vectors: 70
• External interrupt inputs:
11 (NMI, INT × 6, Key input × 4)
Single-chip mode
Memory expansion and microprocessor mode with 8-bit external bus
8 (NMI, INT × 3, Key input × 4)
Memory expansion and microprocessor mode with 16-bit external bus
• Interrupt priority levels: 7
Watchdog Timer
15-bit × 1 (with prescaler)
DMA
DMAC
• 4 channels, cycle steal method
• Trigger sources: 31
• Transfer modes: 2 (single transfer and repeat transfer)
DMACII
• Can be activated by all peripheral function interrupt sources
• Transfer modes: 2 (single transfer and burst transfer)
• Immediate transfer, calculation transfer, and chain transfer
functions
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode,
pulse width modulation (PWM) mode
Event counter 2-phase pulse signal processing (2-phase
encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse period measurement
mode, pulse width measurement mode
Timer function for
3-phase motor control
3-phase inverter control × 1 (using timer A1, timer A2, timer A4,
and timer B2)
On-chip dead time timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com