Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C8B Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M32C8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C8B Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M32C8B Datasheet HTML 82Page - Renesas Technology Corp M32C8B Datasheet HTML 83Page - Renesas Technology Corp M32C8B Datasheet HTML 84Page - Renesas Technology Corp M32C8B Datasheet HTML 85Page - Renesas Technology Corp M32C8B Datasheet HTML 86Page - Renesas Technology Corp M32C8B Datasheet HTML 87Page - Renesas Technology Corp M32C8B Datasheet HTML 88Page - Renesas Technology Corp M32C8B Datasheet HTML 89Page - Renesas Technology Corp M32C8B Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 406 page
background image
Under development
M32C/8B Group
9. Clock Generation Circuits
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 69 of 385
Figure 9.4
MCD Register
b7 b6 b5 b4
b1
b2
b3
Main Clock Division Register(1)
Symbol
MCD
Address
000Ch
Bit Symbol
Bit Name
RW
MCD0
After Reset
XXX0 1000b
NOTES:
1. Set the MCD register after the PRC0 bit in the PRCR register is set to 1 (write enable).
2. When stop mode or low-power consumption mode is entered, bits MCD4 to MCD0 become 01000b.
Bits MCD4 to MCD0, however, do not become 01000b if the CM05 bit in the CM0 register is set to 1 (main clock stops) while
the CM21 bit in the CM2 register is set to 1.
b0
Function
Main clock division rate
select bits(2)
MCD1
MCD2
b4 b3 b2 b1 b0
1 0 0 1 0: Divide-by-1 (no division) mode
0 0 0 1 0: Divide-by-2 mode
0 0 0 1 1: Divide-by-3 mode
0 0 1 0 0: Divide-by-4 mode
0 0 1 1 0: Divide-by-6 mode
0 1 0 0 0: Divide-by-8 mode
0 1 0 1 0: Divide-by-10 mode
0 1 1 0 0: Divide-by-12 mode
0 1 1 1 0: Divide-by-14 mode
0 0 0 0 0: Divide-by-16 mode
Do not set to values other than the above
MCD3
MCD4
RW
RW
RW
RW
RW
−
(b7-b5)
−
Reserved bits
Read as undefined value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com