Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3008 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 3Page - Renesas Technology Corp H8/3008 Datasheet HTML 4Page - Renesas Technology Corp H8/3008 Datasheet HTML 5Page - Renesas Technology Corp H8/3008 Datasheet HTML 6Page - Renesas Technology Corp H8/3008 Datasheet HTML 7Page - Renesas Technology Corp H8/3008 Datasheet HTML 8Page - Renesas Technology Corp H8/3008 Datasheet HTML 9Page - Renesas Technology Corp H8/3008 Datasheet HTML 10Page - Renesas Technology Corp H8/3008 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 686 page
background image
Rev.4.00 Aug. 20, 2007, Page vii of xliv
REJ09B0395-0400
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
—
Company name and brand names amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
1.1 Overview
1
Description amended
Four MCU operating modes offer a choice of bus width and
address space size. The modes (modes 1 to 4) include four
expanded modes.
1.2 Block Diagram
Figure 1.1 Block
Diagram
5
Figure amended
Port A
Port B
1.3.1 Pin Arrangement
Table 1.2 Comparison
of H8/3008 Pin
Arrangements
6
Table amended
H8/3062
F-ZTAT
B-Mask
Version
8.2.10 Timer I/O
Control Register (TIOR)
Bits 6 to 4—I/O Control
B2 to B0 (IOB2 to IOB0)
203
Table amended
Bit 6
IOB2
Bit 5
IOB1
Bit 4
IOB0
Function
1
0
0
1
1
0
GRB is an input
capture register
1
Bits 2 to 0—I/O Control
A2 to A0 (IOA2 to IOA0)
Table amended
Bit 2
IOA2
Bit 1
IOA1
Bit 0
IOA0
Function
1
0
0
1
GRA is an input
capture register
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com