Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3008 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 78Page - Renesas Technology Corp H8/3008 Datasheet HTML 79Page - Renesas Technology Corp H8/3008 Datasheet HTML 80Page - Renesas Technology Corp H8/3008 Datasheet HTML 81Page - Renesas Technology Corp H8/3008 Datasheet HTML 82Page - Renesas Technology Corp H8/3008 Datasheet HTML 83Page - Renesas Technology Corp H8/3008 Datasheet HTML 84Page - Renesas Technology Corp H8/3008 Datasheet HTML 85Page - Renesas Technology Corp H8/3008 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 38 of 638
REJ09B0395-0400
Table 2.10
Block Transfer Instruction
Instruction
Size
Function
EEPMOV.B
⎯
if R4L
≠ 0 then
repeat
@ER5+
→ @ER6+, R4L − 1 → R4L
until
R4L = 0
else next;
EEPMOV.W
⎯
if R4
≠ 0 then
repeat
@ER5+
→ @ER6+, R4 − 1 → R4
until
R4 = 0
else next;
Block transfer instruction. This instruction transfers the number of data bytes
specified by R4L or R4, starting from the address indicated by ER5, to the
location starting at the address indicated by ER6. At the end of the transfer,
the next instruction is executed.
2.6.4
Basic Instruction Formats
The H8/300H instructions consist of 2-byte (word) units. An instruction consists of an operation
field (OP field), a register field (r field), an effective address extension (EA field), and a condition
field (cc).
Operation Field: Indicates the function of the instruction, the addressing mode, and the operation
to be carried out on the operand. The operation field always includes the first 4 bits of the
instruction. Some instructions have two operation fields.
Register Field: Specifies a general register. Address registers are specified by 3 bits, data registers
by 3 bits or 4 bits. Some instructions have two register fields. Some have no register field.
Effective Address Extension: Eight, 16, or 32 bits specifying immediate data, an absolute
address, or a displacement. A 24-bit address or displacement is treated as 32-bit data in which the
first 8 bits are 0 (H'00).
Condition Field: Specifies the branching condition of Bcc instructions.
Figure 2.9 shows examples of instruction formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com