Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3008 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # H8/3008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3008 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button H8/3008 Datasheet HTML 81Page - Renesas Technology Corp H8/3008 Datasheet HTML 82Page - Renesas Technology Corp H8/3008 Datasheet HTML 83Page - Renesas Technology Corp H8/3008 Datasheet HTML 84Page - Renesas Technology Corp H8/3008 Datasheet HTML 85Page - Renesas Technology Corp H8/3008 Datasheet HTML 86Page - Renesas Technology Corp H8/3008 Datasheet HTML 87Page - Renesas Technology Corp H8/3008 Datasheet HTML 88Page - Renesas Technology Corp H8/3008 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 686 page
background image
2. CPU
Rev.4.00 Aug. 20, 2007 Page 41 of 638
REJ09B0395-0400
2.7
Addressing Modes and Effective Address Calculation
2.7.1
Addressing Modes
The H8/300H CPU supports the eight addressing modes listed in table 2.11. Each instruction uses
a subset of these addressing modes. Arithmetic and logic instructions can use the register direct
and immediate modes. Data transfer instructions can use all addressing modes except program-
counter relative and memory indirect. Bit manipulation instructions use register direct, register
indirect, or absolute (@aa:8) addressing mode to specify an operand, and register direct (BSET,
BCLR, BNOT, and BTST instructions) or immediate (3-bit) addressing mode to specify a bit
number in the operand.
Table 2.11
Addressing Modes
No.
Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:16, ERn)/@(d:24, ERn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@ERn+
@
−ERn
5
Absolute address
@aa:8/@aa:16/@aa:24
6
Immediate
#xx:8/#xx:16/#xx:32
7
Program-counter relative
@(d:8, PC)/@(d:16, PC)
8
Memory indirect
@@aa:8
Register Direct—Rn: The register field of the instruction code specifies an 8-, 16-, or 32-bit
register containing the operand. R0H to R7H and R0L to R7L can be specified as 8-bit registers.
R0 to R7 and E0 to E7 can be specified as 16-bit registers. ER0 to ER7 can be specified as 32-bit
registers.
Register Indirect—@ERn: The register field of the instruction code specifies an address register
(ERn), the lower 24 bits of which contain the address of the operand.
Register Indirect with Displacement—@(d:16, ERn) or @(d:24, ERn): A 16-bit or 24-bit
displacement contained in the instruction code is added to the contents of an address register
(ERn) specified by the register field of the instruction, and the lower 24 bits of the sum specify the
address of a memory operand. A 16-bit displacement is sign-extended when added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com