Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 366Page - Renesas Technology Corp H8SX1663 Datasheet HTML 367Page - Renesas Technology Corp H8SX1663 Datasheet HTML 368Page - Renesas Technology Corp H8SX1663 Datasheet HTML 369Page - Renesas Technology Corp H8SX1663 Datasheet HTML 370Page - Renesas Technology Corp H8SX1663 Datasheet HTML 371Page - Renesas Technology Corp H8SX1663 Datasheet HTML 372Page - Renesas Technology Corp H8SX1663 Datasheet HTML 373Page - Renesas Technology Corp H8SX1663 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 318 of 1102
REJ09B0294-0100
• Extended repeat area function which repeats the addressees within a specified area using the
transfer address with the fixed upper bits (ring buffer transfer can be performed, as an
example) is available
One bit (two bytes) to 27 bits (128 Mbytes) for transfer source and destination can be set as
extended repeat areas
• Address update can be selected from fixed address, offset addition, and increment or
decrement by 1, 2, or 4
Address update by offset addition enables to transfer data at addresses which are not placed
continuously
• Word or longword data can be transferred to an address which is not aligned with the
respective boundary
Data is divided according to its address (byte or word) when it is transferred
• Two types of interrupts can be requested to the CPU
A transfer end interrupt is generated after the number of data specified by the transfer counter
is transferred. A transfer escape end interrupt is generated when the remaining total transfer
size is less than the transfer data size at a single transfer request, when the repeat size of data
transfer is completed, or when the extended repeat area overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com