Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 57Page - Renesas Technology Corp H8SX1663 Datasheet HTML 58Page - Renesas Technology Corp H8SX1663 Datasheet HTML 59Page - Renesas Technology Corp H8SX1663 Datasheet HTML 60Page - Renesas Technology Corp H8SX1663 Datasheet HTML 61Page - Renesas Technology Corp H8SX1663 Datasheet HTML 62Page - Renesas Technology Corp H8SX1663 Datasheet HTML 63Page - Renesas Technology Corp H8SX1663 Datasheet HTML 64Page - Renesas Technology Corp H8SX1663 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1158 page
background image
Section 1 Overview
Rev.1.00 Jun. 07, 2006 Page 9 of 1102
REJ09B0294-0100
1.3.3
Pin Functions
Table 1.2
Pin Functions
Classification
Abbreviation
Pin No.
(FP-144LV)
I/O
Description
Power supply
V
CC
6, 25, 50,
64, 74, 99,
143
Input
Power supply pins. Connect to the system
power supply.
V
CL
92
Input
Connect this pin to V
SS via a 0.1-µF capacitor.
(The capacitor should be placed close to the
pin.)
V
SS
4, 16, 23,
32, 48, 69,
79, 88, 96,
103, 141
Input
Ground pins. Connect to the system power
supply (0 V).
PLLV
CC
110
Input
Power supply pin for the PLL circuits. Connect
to the system power supply.
PLLV
SS
112
Input
Ground pin for the PLL circuits.
DrVCC
42
Input
Power supply pin for USB on-chip transceiver.
Connect to the system power supply.
DrVSS
45
Input
Ground pin for USB on-chip transceiver
Clock
XTAL
97
Input
EXTAL
98
Input
Pins for a crystal resonator. External clock can
be input to the EXTAL pin. For a connection
example, see section 22, Clock Pulse
Generator.
OSC1
90
Input
Connects the 32.768-kHz crystal resonator.
OSC2
89
Input
Connect the 32.768-kHz crystal resonator.
B
φ
142
Output Outputs the system clock for external devices.
SDRAM
φ
5
Output Connects to the CLK pin of synchronous
DRAM when synchronous DRAM is
connected. For details, see section 6, Bus
Controller (BSC).
Operating mode
control
MD3
MD2
MD1
MD0
133
7
129
115
Input
Pins for setting the operating mode. The signal
levels of these pins must not be changed
during operation.
MD_CLK
47
Input
Pin for changing the multiplication ratio of the
clock pulse generator. The signal levels of this
pin must not be changed during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com