Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 84Page - Renesas Technology Corp H8SX1663 Datasheet HTML 85Page - Renesas Technology Corp H8SX1663 Datasheet HTML 86Page - Renesas Technology Corp H8SX1663 Datasheet HTML 87Page - Renesas Technology Corp H8SX1663 Datasheet HTML 88Page - Renesas Technology Corp H8SX1663 Datasheet HTML 89Page - Renesas Technology Corp H8SX1663 Datasheet HTML 90Page - Renesas Technology Corp H8SX1663 Datasheet HTML 91Page - Renesas Technology Corp H8SX1663 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 36 of 1102
REJ09B0294-0100
2.6
Data Formats
The H8SX CPU can process 1-bit, 4-bit BCD, 8-bit (byte), 16-bit (word), and 32-bit (longword)
data.
Bit-manipulation instructions operate on 1-bit data by accessing bit n (n = 0, 1, 2, …, 7) of byte
operand data. The DAA and DAS decimal-adjust instructions treat byte data as two digits of 4-bit
BCD data.
2.6.1
General Register Data Formats
Figure 2.12 shows the data formats in general registers.
7 6 5 4 3 2 1 0
Don't care
7
0
Don't care
7 6 5 4 3 2 1 0
43
70
70
Don’t care
Upper
Lower
LSB
MSB
LSB
1-bit data
1-bit data
4-bit BCD data
4-bit BCD data
Byte data
Byte data
Word data
Word data
Longword data
RnH
RnL
RnH
RnL
RnH
RnL
Rn
En
ERn
MSB
Don't care
Upper
Lower
43
7
0
Don't care
7
0
Don't care
70
General register ER
General register E
General register R
General register RH
[Legend]
ERn:
En:
Rn:
RnH:
0
15
MSB
LSB
0
LSB
15
16
MSB
31
En
Rn
0
MSB
LSB
15
RnL:
MSB:
LSB:
General register RL
Most significant bit
Least significant bit
Figure 2.12 General Register Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com